Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5553MZP80R2 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPC5553MZP80R2
Description  Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553MZP80R2 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC5553MZP80R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
MPC5553 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
18
frequency, and load on all pad_sh and pad_sh pins. Use linear scaling to calculate pin currents for voltage,
frequency, and load parameters that fall outside the values given in Table 11.
Table 11. VDD33 Pad Average DC Current1
1 These values are estimated from simulation and not tested. Currents apply to output pins only for the fast pads and to input
pins only for the slow and medium pads.
Num
Pad Type
Symbol
Frequency
(MHz)
Load2
(pF)
2 All loads are lumped.
VDD33 (V)
VDDE (V)
Drive
Select
Current (mA)
Inputs
1Slow
I33_SH
66
0.5
3.6
5.5
NA
0.003
2
Medium
I33_MH
66
0.5
3.6
5.5
NA
0.003
Outputs
3Fast
I33_FC
66
10
3.6
3.6
00
0.35
466
20
3.6
3.6
01
0.53
566
30
3.6
3.6
10
0.62
666
50
3.6
3.6
11
0.79
7
66
10
3.6
1.98
00
0.35
8
66
20
3.6
1.98
01
0.44
9
66
30
3.6
1.98
10
0.53
10
66
50
3.6
1.98
11
0.7
11
56
10
3.6
3.6
00
0.30
12
56
20
3.6
3.6
01
0.45
13
56
30
3.6
3.6
10
0.52
14
56
50
3.6
3.6
11
0.67
15
56
10
3.6
1.98
00
0.30
16
56
20
3.6
1.98
01
0.37
17
56
30
3.6
1.98
10
0.45
18
56
50
3.6
1.98
11
0.60
19
40
10
3.6
3.6
00
0.21
20
40
20
3.6
3.6
01
0.31
21
40
30
3.6
3.6
10
0.37
22
40
50
3.6
3.6
11
0.48
23
40
10
3.6
1.98
00
0.21
24
40
20
3.6
1.98
01
0.27
25
40
30
3.6
1.98
10
0.32
26
40
50
3.6
1.98
11
0.42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com