Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5553MZP80R2 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MPC5553MZP80R2
Description  Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553MZP80R2 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPC5553MZP80R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
Electrical Characteristics
MPC5553 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
17
3.8.2
I/O Pad VDD33 Current Specifications
The power consumption of the VDD33 supply dependents on the usage of the pins on all I/O segments.
The power consumption is the sum of all input and output pin VDD33 currents for all I/O segments. The
output pin VDD33 current can be calculated from Table 11 based on the voltage, frequency, and load on
all fast (pad_fc) pins. The input pin VDD33 current can be calculated from Table 11 based on the voltage,
Table 10. I/O Pad Average DC Current1
1 These values are estimated from simulation and are not tested. Currents apply to output pins only.
Num
Pad Type
Symbol
Frequency
(MHz)
Load2
(pF)
2 All loads are lumped.
Voltage (V)
Drive Select /
Slew Rate
Control
Current (mA)
1Slow
IDRV_SH
25
50
5.25
11
8.0
210
50
5.25
01
3.2
3
2
50
5.25
00
0.7
4
2
200
5.25
00
2.4
5Medium
IDRV_MH
50
50
5.25
11
17.3
620
50
5.25
01
6.5
7
3.33
50
5.25
00
1.1
8
3.33
200
5.25
00
3.9
9Fast
IDRV_FC
66
10
3.6
00
2.8
10
66
20
3.6
01
5.2
11
66
30
3.6
10
8.5
12
66
50
3.6
11
11.0
13
66
10
1.98
00
1.6
14
66
20
1.98
01
2.9
15
66
30
1.98
10
4.2
16
66
50
1.98
11
6.7
17
56
10
3.6
00
2.4
18
56
20
3.6
01
4.4
19
56
30
3.6
10
7.2
20
56
50
3.6
11
9.3
21
56
10
1.98
00
1.3
22
56
20
1.98
01
2.5
23
56
30
1.98
10
3.5
24
56
50
1.98
11
5.7
25
40
10
3.6
00
1.7
26
40
20
3.6
01
3.1
27
40
30
3.6
10
5.1
28
40
50
3.6
11
6.6
29
40
10
1.98
00
1.0
30
40
20
1.98
01
1.8
31
40
30
1.98
10
2.5
32
40
50
1.98
11
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com