Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D-M9BWNII Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # D-M9BWNII
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWNII Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button D-M9BWNII Datasheet HTML 33Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 34Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 35Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 36Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 37Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 38Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 39Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 40Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 92 page
background image
Weight
(g)
Auto switch model
0.5 m (
Nil)
3 m (
L)
5 m (
Z)
13
57
92
11
50
81
D-H7NW
D-H7PW
D-H7BW
Lead wire length
Grommet
The proper operating range can
be determined by the color of
the light.
(Red
→ Green ← Red)
Note 1) Refer to page 1584 for solid state auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
2 cores (Brown/Blue)
Auto switch model
D-H7NW
D-H7PW
D-H7BW
3 cores (Brown/Blue/Black)
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
Minimum bending radius [mm] (Reference values)
ø3.4
ø1.1
0.2
ø0.08
21
Oilproof Heavy-duty Lead Wire Specifications
RoHS
2-Color Indicator Solid State Auto Switch
Band Mounting Type
D-H7NW/D-H7PW/D-H7BW
D-H7
W (With indicator light)
Auto switch model
Wiring type
Output type
Applicable load
Power supply voltage
Current consumption
Load voltage
Load current
Internal voltage drop
Leakage current
Indicator light
Standard
D-H7NW
3-wire
NPN
IC circuit, Relay, PLC
5, 12, 24 VDC (4.5 to 28 VDC)
10 mA or less
28 VDC or less
40 mA or less
1.5 V or less
(0.8 V or less
at 10 mA load current)
100
µA or less at 24 VDC
D-H7BW
2-wire
—
24 VDC relay, PLC
—
—
24 VDC (10 to 28 VDC)
5 to 40 mA
4 V or less
0.8 mA or less at 24 VDC
D-H7PW
PNP
—
80 mA or less
0.8 V or less
CE marking, RoHS
Auto Switch Specifications
PLC: Programmable Logic Controller
Refer to SMC website for the details of
the products conforming to the
international standards.
Operating range .......... Red LED illuminates.
Proper operating range .......... Green LED illuminates.
Dimensions
(mm)
4.6
29
9
4.3
10.5
Most sensitive
position
Indicator light
ø3.5
mounting hole
1610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com