Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D-M9BWNII Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # D-M9BWNII
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWNII Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button D-M9BWNII Datasheet HTML 75Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 76Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 77Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 78Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 79Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 80Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 81Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 82Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 83Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
Auto switch model
0.5 m (
Nil)
3 m (
L)
5 m (
Z)
12
54
84
12
54
84
D-A73C
D-A80C
Lead wire length
∗ Refer to the applicable internal circuit diagram (numbers q to u) on page 1587.
Note 1) Refer to page 1584 for reed auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
Note 3) Lead wire with connector may be shipped with the auto switch.
Note 4) Under 5 mA, the strength of the indicator light is poor. In some cases, visibility of the
indicator light will not be possible where the output signal is less than 2.5 mA. However,
there is no problem in terms of contact output, when an output signal exceeds 1 mA or
more.
Note 5) The auto switches can operate at 12 VDC, but consider the internal voltage drop of the auto
switch described in Reed Auto Switch Precautions on page 12.
Model
D-LC05
D-LC30
D-LC50
Lead wire length
0.5 m
3 m
5 m
Part No. of Lead Wires with Connectors
(Applicable only for connector type)
Connector
1. Confirm that the connector is appropriately
tightened. If tightened insufficiently, the
waterproof performance will deteriorate.
2. Refer to page 1679 for the details.
Precautions
Caution
Auto Switch Specifications
PLC: Programmable Logic Controller
Refer to SMC website for the details of
the products conforming to the
international standards.
D-A73C (With indicator light)
D-A73C
Relay, PLC
24 VDC (5)
5 to 40 mA
e
None
2.4 V or less
Red LED illuminates when turned ON.
CE marking
D-A80C
Relay, IC circuit, PLC
50 mA
r
None
1
Ω or less (Including lead wire length of 3 m)
CE marking
D-A80C (Without indicator light)
Auto switch model
Applicable load
Load voltage
Load current range (4)
Internal circuit∗
Contact protection circuit
Internal voltage drop
Indicator light
Standard
Auto switch model
Applicable load
Load voltage
Maximum load current
Internal circuit∗
Contact protection circuit
Internal resistance
Standard
24 V AC
DC
Dimensions
(mm)
Weight
(g)
Indicator light
D-A80C without
indicator light
Most sensitive position
Lead wire
with connector
Lead wires with a connector indication
Reed Auto Switch
Rail Mounting Type
D-A73C/D-A80C
1660
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com