Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D-M9BWNII Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # D-M9BWNII
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D-M9BWNII Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button D-M9BWNII Datasheet HTML 54Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 55Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 56Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 57Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 58Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 59Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 60Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 61Page - List of Unclassifed Manufacturers D-M9BWNII Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 92 page
background image
D-P3DWA
Most sensitive position
10.5
500 (3000) (5000)
29
3
Indicator light
Switch mounting thread M2.5 x 12L SUS
3.95
 It is possible to use in an
environment which generates
a magnetic field disturbance
(AC magnetic field).
 The proper operating range
can be determined by the
color of the light.
(Red
→ Green ← Red)
Auto switch model
Lead wire
length
0.5 m (
Nil)
3 m (
L)
5 m (
Z)
D-P3DWA
Magnetic Field Resistance
If the current of the AC welding machine is
16000 A or lower, the auto switch can be used,
even if the distance between the welding con-
ductor (gun cable) and the cylinder/actuator or
auto switch is 0 mm. Please contact SMC when
the AC welding current exceeds 16000 A.
(g)
Weight
22
104
170
Auto Switch Specifications
PLC: Programmable Logic Controller
Auto switch model
Applicable load
Load voltage
Load current
Internal voltage drop
Leakage current
Operating time
Indicator light
Standard
24 VDC relay, PLC
24 VDC
6 to 40 mA
5 V or less
1 mA or less at 24 VDC
40 ms or less
CE marking, UL (CSA), RoHS
Operating range .......... Red LED illuminates.
Proper operating range .......... Green LED illuminates.
D-P3DWA (With indicator light)
D-P3DWA
Dimensions
(mm)
Body
.Auto switch model
D-P3DWA
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
Minimum bending radius [mm] (Reference values)
ø4.8
2 cores (Brown/Blue)
ø1.52
0.5
ø0.08
29
Oilproof Heavy-duty Lead Wire Specifications
Magnetic Field Resistant 2-Color Indicator
Solid State Auto Switch
D-P3DWA
(Electrical Entry: Grommet)
Precautions
Caution
For single-phase AC welding machines.
If it is used for current inverter welders
(including rectifying type) and condenser
type welders, the magnetic field resistance
is reduced. Please contact SMC regarding
the performance.
Refer to SMC website for the details of
the products conforming to the
international standards.
 Impact resistance — Switch: 1000 m/s2
 Insulation resistance — 50 MΩ or more at 500 VDC Mega (between lead wire and case)
 Withstand voltage — 1000 VAC for 1 minute (between lead wire and case)
 Ambient temperature — –10 to 60°C
 Enclosure — IEC60529 standard IP67
 Polarity: Non-polar
®
1631
D-
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com