Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDMPIH10D48/T125 Datasheet(PDF) 49 Page - Sumida Corporation

Part # CDMPIH10D48/T125
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDMPIH10D48/T125 Datasheet(HTML) 49 Page - Sumida Corporation

Back Button CDMPIH10D48/T125 Datasheet HTML 45Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 46Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 47Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 48Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 49Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 50Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 51Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 52Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 53Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 156 page
background image
49
CEFD2513B
Application
Specifications
1. Telecommunication (PoE)
: Max. 500kHz
: 43.0W (500kHz)
Operating Freq
Max. Operating Power
Maximum power of DC-DC converter transformers in this catalog works out the method below.
Flyback method
Maximum power is different depending on conditions.
Vin
Vout
Efficiency
: +12V
: +12V
: 75%
+B
RL
PWM
カタログ中のDC-DC converter transformers の最大容量は下記の方法により算出したものです。
/ 入力電圧
/ 出力電圧
/ 効率
フライバック方式
最大容量は使用条件により異なります。
DC-DC Converter Transformers < SMD type & Multiple Output Transformers >
Max. 26.5
Max. 14.0
10 - 3.75
1.0
3.75
2.50
21.5
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
磁気構造図
外形寸法図
推奨ランド寸法



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com