Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDMPIH10D48/T125 Datasheet(PDF) 26 Page - Sumida Corporation

Part # CDMPIH10D48/T125
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDMPIH10D48/T125 Datasheet(HTML) 26 Page - Sumida Corporation

Back Button CDMPIH10D48/T125 Datasheet HTML 22Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 23Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 24Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 25Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 26Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 27Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 28Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 29Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 30Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 156 page
background image
26
DC-DC Converter Transformers < Transformers for UP-Down or Up Converter >
*A Saturation Current 1,3 : This indicates the value of D.C. current when the inductance decreases to 90% of its initial value.(Ta=20
°C)
*B Saturation Current 2,4 : This indicates the value of D.C. current when the inductance decreases to 90% of its initial value.(Ta=100
°C)
*C Saturation Current : This indicates the value of D.C. current when the inductance decreases to 65% of its nominal value.(Ta=20
°C)
*D Temperature Rise Current 5,6 : The actual current when temperature of coil increases up to Max.
∆T=40°C.(Ta=20°C)
Other
TYPE : CLS6D23, CLS6D28
Parts
No.
L
(H)
1R0
1.0
µ
1R2
1.2
µ
1R5
1.5
µ
1R8
1.8
µ
2R0
2.0
µ
2R5
2.5
µ
3R0
3.0
µ
3R3
3.3
µ
4R6
4.6
4R7
4.7
µ
µ
121
120
µ
6R8
6.8
µ
100
10
µ
150
15
µ
220
22
µ
330
33
µ
470
47
µ
680
68
µ
101
100
µ
CLS6D23
Saturation Current (A)
Temperature
Rise Current (A)*D
*C
2-4, 1-3
2-3 (1-4tie)
2-4, 1-3
2-3 (1-4tie)
Condition1*A Condition2*B Condition3*A Condition4*B
Condition5
Condition6
4.10
3.36
3.04
2.40
1.87
1.56
1.26
1.00
860m
730m
580m
450m
390m
3.08
2.52
2.28
1.80
1.40
1.17
950m
750m
650m
550m
440m
340m
290m
2.05
1.73
1.52
1.22
920m
780m
650m
500m
420m
350m
260m
220m
200m
1.54
1.30
1.14
920m
690m
590m
490m
380m
320m
260m
200m
170m
150m
1.00
930m
850m
760m
580m
430m
380m
290m
260m
210m
170m
130m
110m
2.10
1.95
1.78
1.60
1.23
910m
800m
600m
550m
450m
350m
280m
240m
Measuring Freq: (L)/インダクタンス測定周波数
CLS6D23
100kHz
CLS6D28
100kHz
Tolerance of Inductance/インダクタンス公差
CLS6D23
1.0
µH-100µH±30%(N)
CLS6D28
TYPE : CLS8D28, CLS104
Parts
No.
L
(H)
CLS8D28
CLS104
Saturation Current (A)
Temperature
Rise Current (A)*D
Saturation Current (A)
Temperature
Rise Current (A)*D
2-4, 1-3
2-3 (1-4tie)
2-4, 1-3
2-3 (1-4tie)
2-4, 1-3
2-3 (1-4tie)
2-4, 1-3
2-3 (1-4tie)
Condition1*A Condition2*B Condition3*A Condition4*B
Condition5
Condition6
Condition1*A Condition2*B Condition3*A Condition4*B
Condition5
Condition6
Measuring Freq: (L)/インダクタンス測定周波数
CLS8D28
100kHz
CLS104
100kHz
Tolerance of Inductance/インダクタンス公差
CLS8D28
1.2µH-120µH±30%(N)
CLS6D28
Saturation Current (A)
Temperature
Rise Current (A)*D
2-4, 1-3
2-3 (1-4tie)
2-4, 1-3
2-3 (1-4tie)
Condition1*A Condition2*B Condition3*A Condition4*B
Condition5
Condition6
2.00
1.40
4.40
2.40
1.60
1.20
4.00
2.20
1.35
1.00
3.60
2.00
1.20
900m
3.20
1.60
1.05
800m
2.40
1.20
850m
700m
2.00
950m
720m
550m
1.80
850m
580m
450m
1.40
700m
450m
360m
1.10
520m
380m
280m
950m
420m
320m
240m
800m
360m
270m
200m
720m
320m
220m
180m
600m
270m
4.00
3.30
2.70
2.40
2.10
1.70
1.44
1.15
920m
750m
630m
530m
440m
400m
3.00
2.50
2.10
1.80
1.60
1.30
1.05
900m
650m
540m
440m
380m
320m
280m
190m
150m
540m
240m
TYPE : CLS7D14
Parts
No.
L
(H)
150
15
µ
CLS7D14
Saturation Current (A)
2-1, 4-3
Measuring Freq: (L)/インダクタンス測定周波数
CLS7D14
100kHz, 1V
Tolerance of Inductance/インダクタンス公差
CLS7D14
15
µH±30%(N)
1R0
1.0
µ
6.7
1.0
5.4
3.2
2.8
6.0
3.0
1R2
1.2
µ
5.1
4.3
2.7
2.3
5.6
2.6
1R6
1.6
µ
4.4
3.9
2.3
1.9
5.0
2.3
3R3
3.3
µ
2R2
2.2
µ
2R9
2.9
µ
3.7
3.1
1.9
1.5
4.8
2.1
4R5
4.5
µ
4R1
4.1
µ
3.3
2.9
1.5
1.3
4.2
2.0
6R8
6.8
µ
2.5
2.1
1.1
960m
3.9
1.8
100
10
µ
2.2
1.8
1.0
900m
3.1
1.5
150
15
µ
1.5
1.3
770m
640m
2.4
1.1
220
22
µ
210
21
µ
1.3
1.1
630m
540m
1.9
900m
330
33
µ
1.2
950m
530m
440m
1.5
800m
470
47
µ
1.0
840m
470m
390m
1.4
600m
680
68
µ
720m
610m
410m
330m
1.1
500m
101
100
µ
580m
510m
310m
280m
920m
400m
151
150
µ
470m
400m
240m
220m
760m
320m
221
220
µ
410m
350m
190m
170m
560m
280m
1.0µH-220µH±30%(N)
CLS104
1.2
µH-21.0µH±30%(N)
6.5
4.0
2.8
2.4
5.8
2.8
5.8
3.2
2.4
2.1
4.5
2.4
3.0
2.3
2.1
1.9
3.6
1.8
2.8
2.1
1.3
1.1
3.2
1.6
2.3
1.6
1.2
1.0
2.4
1.2
1.7
1.4
1.1
700m
2.0
1.0
1.4
1.0
800m
600m
1.8
900m
/ その他
*A 直流重畳許容電流1,3 : 直流電流を流した時、インダクタンスが初期値の90%以上となる電流値とする。(Ta=20℃)
*B 直流重畳許容電流2,4 : 直流電流を流した時、インダクタンスが初期値の90%以上となる電流値とする。(Ta=100℃)
*C 直流重畳許容電流:直流電流を流した時、インダクタンスが公称値の65%以上を示す電流値とする。(Ta=20℃)
*D 温度上昇実力電流5,6 : 直流電流を流した時、コイルの温度上昇が△T=40℃以下となる電流の実力値とする。(Ta=20℃)
DC-DC Converter Transformers < Transformers for UP-Down or Up Converter >
CLS6D23
Application
1. The power supply for DSC, Note PC and DVC
CLS6D28
Application
1. The power supply for DSC, Note PC and DVC
1. The power supply for DSC, Note PC and DVC
BOTTOM VIEW
CLS8D28
Application
1. The power supply for DSC, Note PC and DVC
BOTTOM VIEW
CLS7D14
Application
BOTTOM VIEW
Application
1. The power supply for LCD TV and Car navigation
CLS104
BOTTOM VIEW
BOTTOM VIEW
Max. 2.5
Max. 7.0
5.5
2.45
1.9
2.1
1.9
2.1
1
4
2
3
/ 裏面図
Max. 3.0
2.5
Max. 7.0
5.5
1
4
2
3
1
4
2
3
Max. 9.0
Max. 3.0
6.7
2.45
2.0 2.7
1
4
2
3
Max. 10.6
Max. 4.1
8.0
1.8
1.3 3.6
1
4
2
3
Max. 7.3
Max. 1.5
7.0
2.0 2.5
/ 用途
1. DSC、ノートパソコン、DVC用電源
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONNECTION
端子接続
CONSTRUCTION
/ 用途
1. DSC、ノートパソコン、DVC用電源
1. DSC、ノートパソコン、DVC用電源
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONNECTION
端子接続
CONSTRUCTION
/ 裏面図
/ 用途
1. DSC、ノートパソコン、DVC用電源
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONNECTION
端子接続
CONSTRUCTION
/ 裏面図
/ 用途
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONNECTION
端子接続
CONSTRUCTION
/ 裏面図
1. 液晶テレビ、カーナビ用の電源
磁気構造図
DIMENSIONS (mm)
外形寸法図
LAND PATTERNS (mm)
推奨ランド寸法
CONNECTION
端子接続
CONSTRUCTION
/ 裏面図



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com