Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDMPIH10D48/T125 Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDMPIH10D48/T125
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDMPIH10D48/T125 Datasheet(HTML) 3 Page - Sumida Corporation

  CDMPIH10D48/T125 Datasheet HTML 1Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 2Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 3Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 4Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 5Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 6Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 7Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 8Page - Sumida Corporation CDMPIH10D48/T125 Datasheet HTML 9Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 156 page
background image
3
Scope of Sumida products, general stipulations for coil use
Sumida components are manufactured and promoted for use in general electronics devices such as audio-video
equipment,home electric appliance,office automation equipment,in-car equipment,communication equipment,
measurement hardware,machine accessory and medical equipment.
In case of using the product for the purpose other than general electronics devices, please do not fail to consult
with our business headquarters, branch or business office.
When the suggested recommendations are not heeded, Sumida Group shall not be held liable for any dysfunction
in or damage to the equipment with which the product is used.
In the event a problem occurs which may affect industrial property and any other rights of Sumida Group (or a third
party) during the use of the product and information described in this catalog, Sumida Group shall not be held liable
for any such problem, nor grant any license to the offending party.
1.
2.
3.
The specification is subject to change without prior notice as it deems necessary to reflect improvements or
changes.
Products should not be kept in unsuitable storage conditions, such as areas susceptible to high temperatures, high
humidity, dust or corrosion.
Don't use products in a place where dew condenses. Since dew condensation may be caused by temperature
change, please pay special attention when using products in a sealed condition.
Always handle products with care.
Don't touch electrodes directly with bare hands as oil secretions may inhibit soldering.
Always ensure optimum conditions for soldering.
Don't bend the terminals or subject them to excessive stress.
Please ensure that all terminals and case lugs are completely fixed with solder onto PCB.
Ensure the tuning slug or cap is not fixed by solder flux during the production process.
Refrain from rinsing coils. If necessary, please consult with our company.
Avoid placing coils near the edge of the PCB.
Our SMD coils are designed for automatic mounting. Please be careful if soldering by hand.
Don't touch any exposed winding part and avoid coming into contact with the guide of electrode in automatic
mounting.
Our specification limits the quality of the component as a single unit. Please ensure the component is thoroughly
evaluated in your application circuit.
When using our high voltage inverter transformers, place 2mm away from the electric conductor.
Products under development :
• A product with "PROVISIONAL" mark is under development at the moment.
• The specification is subject to change without prior notice as it deems necessary to reflect improvements
or changes.
• Please contact us for our mass production schedule.
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
12.
13.
14.
15.
General stipulations for coil use
Sumida products are RoHS compliance.
Response to RoHS directive
/ スミダ製品の適用範囲、コイル使用上の共通注意事項
Scope of Sumida products
スミダ製品の適用範囲
コイル使用上の共通注意事項
弊社製品は、AV機器、家電製品、OA機器、車載機器、通信機器、計測機器、工作機器及び医療機器などの一般電子機器に使用されることを前提に製造、
販売されております。
万が一弊社製品を一般電子機器以外の用途に使用される場合は、必ず弊社営業部門にお問い合わせ下さい。また、使用条件を満たさない場合や超えた場
合による搭載機器に何らかの事故、損害が発生した場合でも弊社は一切その責を負いませんので、予めご了承下さい。
弊社カタログに記載されている製品、もしくは情報使用に際して弊社または第三者の産業財産権(工業所有権)ほか、権利に係わる問題が発生した場合、
弊社はその責を負うものではありません。また、実施権の許諾を行うものではありません。
1.
2.
3.
RoHS指令対応
スミダ製品は、RoHSに対応しています。
製品の改善等により記載内容を予告なく変更することがありますのでご了承下さい。
製品は高温、多湿、麈埃、腐食性ガスの無い環境で保管して下さい。
結露する環境での使用は避けてください。密閉状態の環境で使用する場合は温度変化により結露をする恐れがありますので注意して下さい。
製品の落下や乱雑な取り扱い、バラ積みは、破損の恐れがありますので注意して下さい。
手脂によりはんだ付け性が劣化しますので、端子に直接手を触れないで下さい。
端子への過度なストレスは断線の原因になりますので、端子は折り曲げないで下さい。
端子及びケースのラグ部は、全てプリント基板にはんだ付けをして下さい。
調整コアがはんだ付けフラックスにより固定されないよう、生産工程に注意して下さい。
コイルの洗浄はしないで下さい。もし、洗浄が必要な場合は連絡して下さい。
プリント基板設計の際は、コイルは端面部への配置を避けて下さい。
面実装コイルは自動実装を基準に設計されていますので、手はんだの場合は取り扱いに注意して下さい。
コイルを自動実装される場合は、巻線露出部分への接触を避けて下さい。また、端子をガイドとして使用しないで下さい。
弊社納入仕様書は、部品単体での品質を規定するものです。ご使用に際しては、御社製品に実装された状態で必ず評価、ご確認をお願い致します。
高電圧を発生させるインバ−タトランスでは、導体はトランスから2mm以上離す設計をして下さい。
開発中製品について
・ PROVISIONAL マークのついている製品は現在開発中です。
・ 製品の改善等により記載内容を予告なく変更することがありますのでご了承下さい。
・ 量産時期についてはお問合せ下さい。
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
12.
13.
14.
15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com