Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F128J3F75 Datasheet(PDF) 30 Page - Numonyx B.V

Part # JS28F128J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F128J3F75 Datasheet(HTML) 30 Page - Numonyx B.V

Back Button JS28F128J3F75 Datasheet HTML 26Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 27Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 28Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 29Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 30Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 31Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 32Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 33Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 34Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
Datasheet
29
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
7.4
AC Test Conditions
Note:
AC test inputs are driven at VCCQ for a Logic "1" and 0.0 V for a Logic "0." Input timing begins, and output timing ends, at
VCCQ/2 V (50% of VCCQ). Input rise and fall times (10% to 90%) < 5 ns.
Note:
CL Includes Jig Capacitance
Table 14: Reset Specifications
#
Symbol
Parameter
Min
Max
Unit
Notes
P1
tPLPH
RP# Pulse Low Time
(If RP# is tied to VCC, this
specification is not
applicable)
RP# is asserted during block erase,
program or lock-bit configuration
operation
25
—
µs
1
RP# is asserted during read
100
—
ns
1
P2
tPHRH
RP# High to Reset during Block Erase, Program, or Lock-Bit
Configuration
—
100
ns
1,2
P3
tVCCPH
Vcc Power Valid to RP# de-assertion (high)
60
—
µs
—
Notes:
1.
These specifications are valid for all product versions (packages and speeds).
2.
A reset time, tPHQV, is required from the latter of STS (in RY/BY# mode) or RP# going high until outputs are valid.
Figure 13: AC Input/Output Reference Waveform
Figure 14: Transient Equivalent Testing Load Circuit
Table 15: Test Configuration
Test Configuration
CL (pF)
VCCQ = VCCQMIN
30
Output
Test Points
Input
V
CCQ/2
V
CCQ
0.0
V
CCQ/2
Device
Under Test
C
L
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com