Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F128J3F75 Datasheet(PDF) 16 Page - Numonyx B.V

Part # JS28F128J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F128J3F75 Datasheet(HTML) 16 Page - Numonyx B.V

Back Button JS28F128J3F75 Datasheet HTML 12Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 13Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 14Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 15Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 16Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 17Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 18Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 19Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 20Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 67 page
background image
Datasheet
15
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Package Body Width
D
9.900
10.000
10.100 0.3898
0.3937
0.3976
Package Body Length
E
12.900
13.000
13.100 0.5079
0.5118
0.5157
Pitch
e
—
1.000
—
—
0.0394
—
Ball (Lead) Count
N
—
64
—
—
64
—
Seating Plane Coplanarity
Y
—
—
0.100
—
—
0.0039
Corner to Ball A1 Distance Along D
S1
1.400
1.500
1.600
0.0551
0.0591
0.0630
Corner to Ball A1 Distance Along E
S2
2.900
3.000
3.100
0.1142
0.1181
0.1220
Table 2:
Easy BGA Package Dimensions Table (Sheet 2 of 2)
Parameter
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com