Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F128J3F75 Datasheet(PDF) 17 Page - Numonyx B.V

Part # JS28F128J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F128J3F75 Datasheet(HTML) 17 Page - Numonyx B.V

Back Button JS28F128J3F75 Datasheet HTML 13Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 14Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 15Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 16Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 17Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 18Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 19Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 20Page - Numonyx B.V JS28F128J3F75 Datasheet HTML 21Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
16
4.0
Ballouts/Pinouts and Signal Descriptions
J3 65 nm SBC is available in two package types. All densities of the J3 65 nm SBC
devices are supported on both 64-ball Easy BGA and 56-lead Thin Small Outline
Package (TSOP) packages. The figures below show the ballouts/Pinouts.
4.1
Easy BGA Ballout for 32-, 64-, 128-Mbit
Notes:
1.
A0 is the least significant address bit.
2.
A22 is valid for 64-Mbit density and above. On 32-Mbit, it is a no-connect (NC).
3.
A23 is valid for 128-Mbit density. On 32- and 64-Mbit, it is a no-connect (NC).
4.
A24 is a no connect (NC) on 128-, 64-, 32- Mbit, reserved for 256-Mbit.
Figure 5:
Easy BGA Ballout (32/64/128 Mbit)
A1
A6
A8
VPEN
A13
VCC
A18
A22
A2
VSS
A9
CE0
A14
RFU
A19
CE1
A3
A7
A10
A12
A15
RFU
A20
A21
A4
A5
A11
RP#
RFU
RFU
A16
A17
DQ8
DQ1
DQ9
DQ3
DQ4
RFU
DQ15
STS
BYTE# DQ0
DQ10
DQ11 DQ12
RFU
RFU
OE#
A23
A0
DQ2
VCCQ
DQ5
DQ6
DQ14
WE#
CE2
RFU
VCC
VSS
DQ13
VSS
DQ7
A24
12
34
5
6
7
8
A
B
C
D
E
F
G
H
Easy BGA
Top View – Ball Side Down
A22
CE1
A21
A17
STS
OE#
WE#
A24
8
A18
A19
A20
A16
DQ15
RFU
DQ14
DQ7
7
VCC
RFU
RFU
RFU
RFU
RFU
DQ6
VSS
6
A13
A14
A15
RFU
DQ4
DQ12
DQ5
DQ13
5
VPEN
CE0
A12
RP#
DQ3
DQ11
VCCQ
VSS
4
A8
A9
A10
A11
DQ9
DQ10
DQ2
VCC
3
A6
VSS
A7
A5
DQ1
DQ0
A0
RFU
2
A1
A2
A3
A4
DQ8
BYTE#
A23
CE2
1
A
B
C
D
E
F
G
H
Easy BGA
Bottom View – Ball Side Up
(1)
(3)
(4)
(2)
(2)
(4)
(3)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com