Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSR1A Datasheet(PDF) 20 Page - Honeywell Solid State Electronics Center

Part # LSR1A
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSR1A Datasheet(HTML) 20 Page - Honeywell Solid State Electronics Center

Back Button LSR1A Datasheet HTML 16Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 17Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 18Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 19Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 20Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 21Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 22Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 23Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 24Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
20 sensing.honeywell.com
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
Table 9. Top Plungers • MICRO SWITCH HDLS Series Order Guide/Recommended Listings
All top plungers are momentary action.
Plain (LSC)
Roller (LSD)
Adjustable (LSV)
Description
Top plain plunger for
in-line operating
motion
Roller plunger
can be rotated at 90°
increments
Adjustable top plain
plunger
SPDT
DPDT
SPDT
DPDT
SPDT
DPDT
Contact closed n
Contact open o
6,6 mm
[0.26 in]
0 in
[0.07 in]
1,4 mm
[0.055 in]
Snap Action
1NO/1NC
1
2
3
4
1,78 mm
0 in
1,4 mm
[0.07 in]
1,27 mm
[0.050 in]
Snap Action
2NO/2NC
1
2
3
4
5
6
7
8
6,6 mm
[0.26 in]
6,6 mm
[0.26 in]
0 in
[0.07 in]
1,4 mm
[0.055 in]
Snap Action
1NO/1NC
1
2
3
4
1,78 mm
0 in
1,4 mm
[0.07 in]
1,27 mm
[0.050 in]
Snap Action
2NO/2NC
1
2
3
4
5
6
7
8
6,6 mm
[0.26 in]
6,6 mm
[0.26 in]
0 in
[0.07 in]
1,4 mm
[0.055 in]
Snap Action
1NO/1NC
1
2
3
4
1,78 mm
0 in
1,4 mm
[0.07 in]
1,27 mm
[0.050 in]
Snap Action
2NO/2NC
1
2
3
4
5
6
7
8
6,6 mm
[0.26 in]
Pretravel
1,78 mm [0.07 in]
Different. travel
0,38 mm
[0.015 in]
0,51 mm
[0.02 in]
0,38 mm
[0.015 in]
0,51 mm
[0.02 in]
0,38 mm
[0.015 in]
0,51 mm
[0.02 in]
Overtravel
4,83 mm [0.19 in]
Operating point
(nom.)
45,8 mm [1.805 in]
55,9 mm [2.20 in]
53 mm to 59 mm
[2.08 in to 2.34 in]
Operating force
17,8 N [4 lb] max.
Op. temp range3
-12°C to 93°C [10°F to 200°F] (for low temp, high temp, or preleaded versions, see pages 8-9)
Circuitry
Contacts Body Style2
Conduit
(NPT)
Options
SPDT
Double Break
Silver
Plug-in
0.5 in
LSC1A
LSD1A
LSV1A
Gold4
Plug-in
0.5 in
LSC1E
LSD1E
LSV1E
Silver
Plug-in
0.5 in
120 V Ind. lite1
LSC5A
LSD5A
LSV5A
Silver
Plug-in
0.5 in
240 V Ind. lite1
LSC8A
LSD8A
LSV8A
Silver
Non-plug-
in
0.5 in
LSC3K
LSD3K
LSV3K
DPDT
Double Break
Silver
Plug-in
0.75 in
LSC2B
LSD2B
LSV2B
Silver
Plug-in
0.5 in
LSC2R
LSD2R
LSV2R
Silver
Plug-in
0.75 in 120 V Ind. lite1
LSC6B
LSD6B
LSV6B
Silver
Non-plug-
in
0.75 in
LSC4L
LSD4L
LSV4L
Silver
Non-plug-
in
0.5 in
LSC7L
LSD7L
LSV7L
1
Use at voltage indicated for light. Wired to NO circuit. Upper temperature limit for lighted units is 93°C [200°F]
2
Plug-in listings include base receptacle
3
Completely fluorocarbon sealed switches are preferred for use in temperatures above 93°C [200°F]
4
Gold-plated contacts
NOTE: Same polarity each pole.
To order a fluorocarbon sealed switch, insert the letters
Y and C into the catalog listing as follows. The LSA1A limit switch is changed to a LSYAC1A limit switch.
To order a low temperature, fluorosilicone sealed switch, insert the letters
Y and B into the catalog listing as follows. The LSA1A limit switch is changed to a LSYAB1A
limit switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com