Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSR1A Datasheet(PDF) 13 Page - Honeywell Solid State Electronics Center

Part # LSR1A
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSR1A Datasheet(HTML) 13 Page - Honeywell Solid State Electronics Center

Back Button LSR1A Datasheet HTML 9Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 10Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 11Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 12Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 13Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 14Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 15Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 16Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 17Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Sensing and Internet of Things
13
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
Table 5. Side Rotary • MICRO SWITCH HDLS Series Order Guide/Recommended Listings
Maint.
Contact
(LSQ)
Maint. Contact
(LSN)
Center Neutral
(LSM)
Sequence Action
(LSL)
Description
Maint.
360° Alt.
Action
Maintained,
2-pos1,2. Std.
Center Neutral
(Pole 1 operates
CCW; Pole 2
operates CW)
Sequential
(Pole 1 operates
before Pole 2, either
CW, CCW, or both)
SPDT
SPDT DPDT
DPDT
DPDT
Contact closed n
Contact open o
0°
0°
90°
Maintained
Contact
1
2
3
4
180°
270°
85°
0°
25°
65°
Maintained
Contact
1
2
3
4
85°
0°
25°
65°
Maintained
Contact
1
2
3
4
5
6
7
8
18°
0°
8°
8°
18°
75°
75°
0°
75°
0°
15°
25°
20°
10°
Pretravel
65° max.
65° max.
18° max.
Pole 1: 15°
Pole 2: add’l 10°
Different. travel
40° max.
40° max.
10° max.
each pole: 5°
Overtravel
20° min.
20° min.
57° min.
48° min.
Oper. torque
0,45 Nm [4 in-lb]
0,45 Nm [4 in-lb]
0,45 Nm [4 in-lb]
Action
Maintained
CW & CCW (Momentary)
Op. temp range6
-1°C to 121°C [30°F to 250°F]
(for low temp, high temp, or preleaded versions, see pages 8-9)
-12°C to 121°C
[10°F to 250°F]
(for low temp, high temp, or pre-
leaded versions, see pages 8-9)
Circuitry
Contacts Body Style5
Conduit
(NPT)
Options
SPDT
Double Break
Silver
Plug-in
0.5 in
LSQ300
LSN1A
Gold3
Plug-in
0.5 in
–
LSN1E
Silver
Plug-in
0.5 in
120 V Ind. lite4
–
LSN5A
Silver
Plug-in
0.5 in
240 V Ind. lite4
–
LSN8A
Silver
Non-
plug-in
0.5 in
–
LSN3K
DPDT
Double Break
Silver
Plug-in
0.75 in
–
LSN2B
LSM2D
LSL2C
Silver
Plug-in
0.5 in
–
LSN6B
LSM6D
LSL6C
Gold3
Plug-in
0.5 in
–
–
LSM6U
–
Silver
Non-
plug-in
0.75 in
–
LSN4L
LSM4N
LSL4M
Silver
Non-
plug-in
0.5 in
–
LSN7L
LSM7N
LSL7M
1
Mechanical trip before electrical trip.
2
Total travel is approximately 80° max. Maintained contact switch normally used with LSZ53 yoke actuator.
3
Gold-plated contacts
4
Use at voltage indicated for light. Wired to NO circuit. Upper temperature limit for lighted units is 93°C [200°F].
5
Plug-in listings include base receptacle
6
Completely fluorocarbon-sealed switches are preferred for temperatures above 93°C [200°F].
NOTE: Same polarity each pole.
To order a fluorocarbon sealed switch, insert the letters
Y and C into the catalog listing as follows. The LSA1A limit switch is changed to a LSYAC1A limit switch.
To order a low temperature, fluorosilicone sealed switch, insert the letters
Y and B into the catalog listing as follows. The LSA1A limit switch is changed to a LSYAB1A
limit switch.
POLE 1
POLE 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com