Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSR1A Datasheet(PDF) 36 Page - Honeywell Solid State Electronics Center

Part # LSR1A
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSR1A Datasheet(HTML) 36 Page - Honeywell Solid State Electronics Center

Back Button LSR1A Datasheet HTML 30Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 31Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 32Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 33Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 34Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 35Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 36Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 37Page - Honeywell Solid State Electronics Center LSR1A Datasheet HTML 38Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
36 sensing.honeywell.com
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
SPECIAL APPLICATIONS
Gravity Return Side Rotary Switches (LSS)
LSS1H gravity-return, side-rotary switches have no return
spring mechanism. The weight of the actuating lever must pro-
vide the force to restore it to the free position. The 5 in-oz. max.
operating torque is useful in conveyor applications since it
enables operation by small or lightweight objects. Because the
head is unsealed, the
LSS1H is classified as NEMA 1. However,
the switch cavity is sealed to protect the switch contacts.
LSS1H
Description
Gravity-return side
rotary
Circuitry
SPDT, double break
Contacts
Silver
Sealing
NEMA 1
Electrical rating
(B) NEMA B600
Body style
Plug-in
Conduit (NPT)
0.5 in
Differential travel
12° max.
Total travel (no stop)*
360°
Operating torque
0,035 Nm [5 in-oz]
max.
* Switch has approximately 180° dwell of the
normally closed and normally open switch contacts.
NOTE: Same polarity each pole.
75°
0°
15°
10°
Extra Low Torque Side Rotary Switches (LST)
LST1H extra-low torque, side-rotary switches have a low force
return spring and a maximim operation torque of 12 in-oz. It is
rated as NEMA 1 due to an unsealed head. The switch cavity is
sealed to protect the switch contacts.
LST1H
Description
Extra-low torque side rotary
Circuitry
SPDT, double break
Contacts
Silver
Sealing
NEMA 1
Electrical rating
(B) NEMA B600
Body style
Plug-in
Conduit (NPT)
0.5 in
Pretravel
15° max.
Differential travel
5° max.
Overtravel
60’ min.
Total travel
75° nom.
Operating torque
0,085 Nm [12 in-oz] max.
NOTE: Same polarity each pole.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com