Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAB21 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FAB21
Description  Discrete direct acting 2 port solenoid valve for compressed air, manifold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FAB21 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FAB21 Datasheet HTML 1Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 2Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 3Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 4Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 5Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 6Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 7Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 8Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
30
FAB Series
FAB*2 Series: NO (normally open) type
Internal structure and parts list
FAB*2 series
Dimensions
(Page 114)
Grommet lead wire type
FAB*2-*-*-*2C
1
2
3
4
5
6
OUT
IN
Coil assembly
Core assembly
Valving element guide assembly
O ring
Spring
Body
1
2
3
4
5
6
Parts name
-
SUS, Cu
PPS, SUS, NBR
NBR
SUS
C3771
-
Stainless steel, copper
Polyphenylene sulfite, stainless steel, nitrile rubber
Nitrile rubber
Stainless steel
Brass
Materials
No.
36
40
40
FAB32
FAB42
FAB52
A
18
21
21
B
11
12
12
C
62.5
71.5
78
D
84
96
103.5
E
18.5
22.5
26
F
22.5
26
29.5
G
28
34
40
H
Rc1/8, Rc1/4
Rc1/4, Rc3/8
Rc1/4, Rc3/8
J
18
18
18
K
M5 depth 6
M5 depth 8
M5 depth 8
L
Model no.
H
B
J
L
* Lead wire length 300mm
View A
FG
A
IN
OUT
View A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com