Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAB21 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FAB21
Description  Discrete direct acting 2 port solenoid valve for compressed air, manifold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FAB21 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FAB21 Datasheet HTML 1Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 2Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 3Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 4Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 5Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 6Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 7Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 8Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Discrete direct acting 2 port solenoid valve for compressed air, manifold
(special purpose valve)
FAB Series
NC (normally closed) type, NO (normally open) type
Port size: M5, Rc1/8 to Rc1/2
26
Refer to Ending 17 for more details.
Common specifications
Descriptions
Compressed air
0 to 1.4
(Refer to the maximum working pressure differential on the individual specifications)
2.1 (1.5 for FAB11/21)
AC: -10 to 60, DC: -10 to 40 (no freezing)
AC: -20 to 60, DC: -20 to 40
B
No corrosive gas and flammable
Direct acting poppet structure
0.2 or less
Free
IP65 or equivalent (Note 1)
1
1.5
1.5
2
2
3
5
3
4
7
4
5
7
10
2
3
5
3
4
7
4
5
7
0.12
0.28
0.28
0.55
0.55
1.2
3.1
1.2
2.1
5.7
2.1
3.1
5.7
5.5
0.57
1.2
3.0
1.2
2.1
5.2
2.1
3.0
5.2
0.64
0.52
0.52
0.59
0.56
0.56
0.50
0.56
0.54
0.48
0.54
0.50
0.48
0.41
0.53
0.57
0.48
0.50
0.54
0.41
0.54
0.52
0.41
0.7
0.3
1.0
0.6
1.4
1.0
0.3
1.4
1.0
0.25
1.2
0.7
0.3
0.15
1.1
0.55
0.2
0.9
0.55
0.15
0.8
0.5
0.25
0.7
0.3
1.0
0.6
1.4
0.6
0.15
1.4
0.9
0.15
1.2
0.8
0.3
0.15
1.1
0.55
0.2
0.9
0.55
0.15
0.8
0.5
0.25
FAB
JIS symbol
NC (normally closed) type
IN
OUT
IN
OUT
MPa
MPa
cm3/min. (ANR)
Individual specifications
FAB11- M5
FAB21- 6
FAB31-
FAB41-
FAB51- 10
FAB51-
FAB32-
FAB42-
FAB52-
Port size
Orifice
(mm)
AC
DC
50Hz
3.4
5.3
7.5
15
20
11.5
18
Voltage
Model no.
FAB1
FAB2
FAB3/4/5
2mA or less
3mA or less
6mA or less
1 mA or less
1.5mA or less
3 mA or less
1mA or less 2mA or less
100 VAC
200 VAC
24 VDC
12 VDC
25
1.0
1.4
1.4
2.6
5
4.6
2.3/1.6
Rc 1/8
Rc 3/8
M5
Rc 1/8
Rc 1/4
Rc 1/8
Rc 1/4
Rc 1/4
Rc 3/8
Rc 1/4
Rc 3/8
Rc 3/8
Rc 1/2
100 VAC
50/60Hz
110 VAC
60Hz
200 VAC
50/60Hz
220 VAC
AC60Hz
24 VDC
12 VDC
100 VAC
50/60Hz
110 VAC
60Hz
200 VAC
50/60Hz
220 VAC
60Hz
24 VDC
12 VDC
30.07
3.7
10
9
2.7/2
40.12
5.5
20
17
4/3.4
6.5
0.21
11
40
35
7.5/6.5
80.37
16
55
45
11/9.5
11.5 0.60
825
22
4.6/3.2
60.31
14
45
40
7.5/6.5
80.54
20
60
50
11/10
11.5 0.71
60Hz 50Hz 60Hz
AC
50/60Hz
DC
Weight
(kg)
Max. working
pressure
MPa
Rated
voltage
Power consumption (W)
At holding At starting
Max. working
pressure differential
MPa
C[dm3/(s bar)]
b
Flow characteristics
Rated electric power (VA)
Descriptions
Model no.
Working fluid
Working pressure
differential range
Withstanding pressure (water pressure)
Fluid temperature
Ambient temperature
Heat proof class
Atmosphere
Valve structure
Valve seat leakage
Installation attitude
Protective structure
*1: Use the allowable voltage fluctuation range within
10% of
the rated voltage.
*2: The leakage current must be less than values given at right.
*3: 8.6 (W) for 12 VDC.
*4: Effective sectional area S and sonic conductance C are converted
as S
5.0 x C.
NO (normally open) type
*3
NC (normally closed) type
NO (normally open) type
6
8
6
8
8
10
8
10
8
10
10
15
Note 1: The T-type terminal box type is IP61 or equivalent, and the FAB11 compact terminal box type is IP40 or equivalent.
-Z
-1
-1
-2
-2
-3
-6
-3
-5
-7
-5
-6
-7
-8
-2
-3
-6
-3
-5
-7
-5
-6
-7


Similar Part No. - FAB21

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FAB208 AXIOMTEK-FAB208 Datasheet
630Kb / 2P
PICMG 1.3 SHB Express Full-size Backplanes
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
FAB2200UCX FAIRCHILD-FAB2200UCX Datasheet
962Kb / 33P
Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
FAB2210 FAIRCHILD-FAB2210 Datasheet
1Mb / 35P
Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
FAB2210UCX FAIRCHILD-FAB2210UCX Datasheet
1Mb / 35P
Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
More results

Similar Description - FAB21

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
SRS101PV5F SENSORTECHNICS-SRS101PV5F Datasheet
118Kb / 5P
Manifold mountable plastic switching solenoid valve
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com