Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FAB21 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # FAB21
Description  Discrete direct acting 2 port solenoid valve for compressed air, manifold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FAB21 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FAB21 Datasheet HTML 4Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 5Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 6Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 7Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 8Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 9Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 10Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 11Page - List of Unclassifed Manufacturers FAB21 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
GFAB Series
33
SAB/
SVB
Explosion
proof
For
dry air
HVB/
HVL
NP/NAP/
NVP
PD/FAD/
PJ
CVE/
CVSE
CPE/
CPD
Custom
order
Medical
analysis
Other G.P.
systems
HNB/G
USB/G
FAB/G
FGB/G
FVB
FWB/G
FHB
FLB
AB
AG
AP/AD
CHB/G
MXB/G
APK/
ADK
Manifold with masking plate
Manifold
<Example of model number>
2G
Masking
plate
quantity
*1
*2
*3
*4
*5
*6
1
F
G
A
B
2
5
X
1
N
2
5
2C
2
F
G
A
B
3
1
7
1
N
1
2
Working fluid
(Compressed air)
*7
A Size variation
B Circuit structure
C Orifice
No. of port
(2 port valve)
D Station no.
E Body, sealant combination
F Coil option
G Manual override
Solenoid valve
quantity
How to order
*1: For the number of manifold stations, select a number of stations from 2 to 10.
*2: For the type with masking plate, designate the item (D) as "X", then designate
the number of (I) solenoid valves and (J) masking plates.
*3: For GFAB11/15 item (F) 2G, the compact terminal box (G1/4) is used.
*4: For GFAB21/25 item (F) 2G and 2HS, the compact terminal box (Pg9) is used.
*5: For item (F) CS, the surge suppressor is built into the coil, and for 2HS and
3RS, it is built into the terminal box.
*6: Consult with CKD for other voltages that cannot be manufactured.
*7: Solenoid valves are arranged from the right side facing the sub-plate A
(independent) port.
*8: Orders for only the masking plate and sub-plate are also available. Contact
CKD for details.
Note on model no. selection
H Voltage
I
J
A Size variation
: 28 mm
B Circuit structure : NC (normally closed) / common supply type
C Orifice
:
2
D Station no.
: 7 stations
E Body, sealant combination
: Body - PPS, sealant - NBR
F Coil option
: Grommet lead wire
G Manual override : Manual non-locking
H Voltage
: 100 VAC 50/60Hz, 110 VAC 60Hz
I J
: No masking plate
Descriptions
Symbol
Model no.
G
F
A
B
11
15
G
F
A
B
21
25
G
F
A
B
31
35
G
F
A
B
41
45
G
F
A
B
51
55
1
2
3
4
5
18 mm
22 mm
28 mm
34 mm
40 mm
1
5
NC (normally closed) / common supply type
NC (normally closed) / individual supply type
Z
1
2
3
5
6
7
1
Blank
N
1
2
3
4
Blank
1
9
Blank
1
9
2C
2CS
2G
2HS
2CG
2CH
3T
3RS
1
1.5
2
3
4
5
7
100 VAC 50/60Hz, 110 VAC 60Hz
200 VAC 50/60Hz, 220 VAC 60Hz
24 VDC
12 VDC
No masking plate
One solenoid valve
Nine solenoid valves
No masking plate
One masking plate
Nine masking plates
2
10
0
X
2 stations
10 stations
Actuator only
With masking plate
Standard
Standard
Option
Grommet lead wire
Grommet lead wire with
surge suppressor
DIN terminal box (Pg11)
DIN terminal box with light and
surge suppressor (Pg11)
Conduit (CTC19)
Conduit (G1/2)
T type terminal box (G1/2)
T type terminal box with light and
surge suppressor (G1/2)
None
Manual non-locking type
Sealant
Body
to
to
to
to
to
to
NBR
PPS
Select from the combination of
marks in the above table.
For voltages other than the above, write in the voltage directly.
B
C
E
F
G
A
D
H
I
J
Orifice
Coil option
Voltage
Solenoid valve quantity
Size variation
Circuit structure
Station no.
Body, sealant combination
Manual override
Masking plate quantity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com