Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPA3107D2PAPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3107D2PAPR
Description  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3107D2PAPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA3107D2PAPR Datasheet HTML 4Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 5Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 6Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 7Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 8Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 9Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 10Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 11Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
f − Frequency − Hz
20
V
=12V
R =8
Gain=20dB
CC
L
W
100
1k
10k
0.001
0.1
10
20k
1
0.01
P
=5W
O
P
=1W
O
P
=2.5W
O
f − Frequency − Hz
20
100
1k
10k
0.001
0.1
10
20k
1
0.01
V
=18V
R =8
Gain=20dB
CC
L
W
P
=2.5W
O
P
=5W
O
P
=1W
O
TPA3107D2
SLOS509A – OCTOBER 2006 – REVISED NOVEMBER 2006
TABLE OF GRAPHS(1)(2)
FIGURE
THD+N
Total harmonic distortion + noise
vs Frequency
1, 2, 3, 4, 5
THD+N
Total harmonic distortion + noise
vs Output power
6, 7, 8, 9, 10
Closed-loop response
vs Frequency
11, 12
Output power
vs Supply voltage
13
VCC
Supply current
vs Total output power
14
System efficiency
vs Output power
15
Crosstalk
vs Frequency
16, 17
kSVR
Supply ripple rejection ratio
vs Frequency
18
(1)
All graphs were measured using the TPA3107D2 EVM.
(2)
Power generated beyond normal and recommended operating conditions may require additional heatsinking.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 1.
Figure 2.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com