Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPA3107D2PAPR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3107D2PAPR
Description  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3107D2PAPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPA3107D2PAPR Datasheet HTML 18Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 19Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 20Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 21Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 22Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 23Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 24Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 25Page - Texas Instruments TPA3107D2PAPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
www.ti.com
PRINTED-CIRCUIT BOARD (PCB) LAYOUT GENERAL GUIDELINES
BASIC MEASUREMENT SYSTEM
TPA3107D2
SLOS509A – OCTOBER 2006 – REVISED NOVEMBER 2006
Because the TPA3107D2 is a class-D amplifier that switches at a high frequency, the layout of the printed-circuit
board (PCB) should be optimized according to the following guidelines for the best possible performance.
•
Decoupling capacitors—The high-frequency 1-
µF decoupling capacitors should be placed as close to the
PVCC and AVCC terminals as possible. The VBYP capacitor, VREG capacitor, and VCLAMP capacitor
should also be placed as close to the device as possible. Large bulk power supply decoupling capacitors
should be placed near the TPA3107D2 on the PVCCL, PVCCR, and AVCC terminals.
•
Grounding—The AVCC decoupling capacitor, VREG capacitor, VBYP capacitor, and ROSC resistor should
each be grounded to analog ground. The PVCC decoupling capacitors and VCLAMP capacitors should each
be grounded to power ground. Analog ground and power ground should be connected at the thermal pad,
which should be used as a central ground connection or star ground for the TPA3107D2.
•
Output filter—The ferrite EMI filter should be placed as close to the output terminals as possible for the best
EMI performance. The LC filter should be placed close to the outputs.
For an example layout, see the TPA3107D2 Evaluation Module User Manual, (SLOU190). Both the EVM user
manual and the thermal pad application note are available on the TI Web site at http://www.ti.com.
This application note focuses on methods that use the basic equipment listed below:
•
Audio analyzer or spectrum analyzer
•
Digital multimeter (DMM)
•
Oscilloscope
•
Twisted-pair wires
•
Signal generator
•
Power resistor(s)
•
Linear regulated power supply
•
Filter components
•
EVM or other complete audio circuit
Figure 28 shows the block diagrams of basic measurement systems for class-AB and class-D amplifiers. A sine
wave is normally used as the input signal because it consists of the fundamental frequency only (no other
harmonics are present). An analyzer is then connected to the APA output to measure the voltage output. The
analyzer must be capable of measuring the entire audio bandwidth. A regulated dc power supply is used to
reduce the noise and distortion injected into the APA through the power pins. A System Two audio
measurement system (AP-II) (Reference 1) by Audio Precision includes the signal generator and analyzer in one
package.
The generator output and amplifier input must be ac-coupled. However, the EVMs already have the ac-coupling
capacitors, (CIN), so no additional coupling is required. The generator output impedance should be low to avoid
attenuating the test signal, and is important because the input resistance of APAs is not high. Conversely, the
analyzer-input impedance should be high. The output resistance, ROUT, of the APA is normally in the hundreds
of milliohms and can be ignored for all but the power-related calculations.
Figure 28(a) shows a class-AB amplifier system. It takes an analog signal input and produces an analog signal
output. This amplifier circuit can be directly connected to the AP-II or other analyzer input.
This is not true of the class-D amplifier system shown in Figure 28(b), which requires low-pass filters in most
cases in order to measure the audio output waveforms. This is because it takes an analog input signal and
converts it into a pulse-width modulated (PWM) output signal that is not accurately processed by some
analyzers.
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com