Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TW3811 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # TW3811
Description  Security Link Over Coax (SLOC) Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW3811 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button TW3811 Datasheet HTML 7Page - Renesas Technology Corp TW3811 Datasheet HTML 8Page - Renesas Technology Corp TW3811 Datasheet HTML 9Page - Renesas Technology Corp TW3811 Datasheet HTML 10Page - Renesas Technology Corp TW3811 Datasheet HTML 11Page - Renesas Technology Corp TW3811 Datasheet HTML 12Page - Renesas Technology Corp TW3811 Datasheet HTML 13Page - Renesas Technology Corp TW3811 Datasheet HTML 14Page - Renesas Technology Corp TW3811 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TW3811
FN8284 Rev.1.00
Page 11 of 20
Nov 29, 2012
Functional Description
Functional Overview
The TW3811 block diagram is shown in Figure 1.
FIGURE 1. TW3811 INTERNAL BLOCK DIAGRAM
RX_DVB
3.3V
3.3V
1.8V
COAX_OUT
22µF
0.1uF
470µF
75
COAX_IN
1M
25MHz
22pF
XTAL_OUT
XTAL_IN
CVBS_OUT
SCL
SDA
SLOC
Coax I/O
LOAD_DRV
75
VDD_IO
VDD_A
VDD_D
19MHz
Band-Pass
Filter
ADC
DSP
6MHz
Low-Pass
Filter
39MHz
Band-Pass
Filter
DAC
3.3V
3.3V
Control Logic
Mode A
MAC Emulation
(Mode_S3 = 0)
Mode B
PHY Emulation
(Mode_S3 = 1)
RX_DVA
RX_ERA
TX_ENA
TX_ERA
TX_CLKA
TX_DnA
RX_DnA
RX_CLKA
RX_ERB
TX_ENB
TX_ERB
TX_CLKB
TX_DnB
RX_DnB
RX_CLKB
MDC
MDIO
External
PHY
External
MAC/SoC
4
4
4
4
Management
Data I/O
22pF
100
I2C
Microcontroller
PGA
Driver
Equalizer
(to external
amplifier)
150nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com