Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TW3811 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # TW3811
Description  Security Link Over Coax (SLOC) Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TW3811 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button TW3811 Datasheet HTML 11Page - Renesas Technology Corp TW3811 Datasheet HTML 12Page - Renesas Technology Corp TW3811 Datasheet HTML 13Page - Renesas Technology Corp TW3811 Datasheet HTML 14Page - Renesas Technology Corp TW3811 Datasheet HTML 15Page - Renesas Technology Corp TW3811 Datasheet HTML 16Page - Renesas Technology Corp TW3811 Datasheet HTML 17Page - Renesas Technology Corp TW3811 Datasheet HTML 18Page - Renesas Technology Corp TW3811 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
TW3811
FN8284 Rev.1.00
Page 15 of 20
Nov 29, 2012
I2C Serial Interface
The TW3811 supports a bidirectional bus oriented protocol. The
protocol defines any device that sends data onto the bus as a
transmitter and the receiving device as the receiver. The device
controlling the transfer is the master and the device being controlled
is the slave. The master always initiates data transfers and provides
the clock for both transmit and receive operations. Therefore, the
TW3811 operates as a slave device in all applications.
All communication over the I2C interface is conducted by sending
the MSB of each byte of data first.
Protocol Conventions
Data states on the SDA line can change only during SCL LOW
periods. SDA state changes during SCL HIGH are reserved for
indicating START and STOP conditions (see Figure 5). On
power-up of the TW3811 the SDA pin is in the input mode.
All I2C interface operations must begin with a START condition,
which is a HIGH to LOW transition of SDA while SCL is HIGH. The
TW3811 continuously monitors the SDA and SCL lines for the
START condition and does not respond to any command until this
condition is met (see Figure 5). A START condition is ignored
during the power-up sequence and during non-volatile write
cycles for the device.
All I2C interface operations must be terminated by a STOP
condition, which is a LOW to HIGH transition of SDA while SCL is
HIGH (see Figure 5). A STOP condition at the end of a read
operation, or at the end of a write operation places the device in
its standby mode. A STOP condition at the end of a write
operation to a non-volatile byte initiates an internal non-volatile
write cycle. The device enters its standby state when the internal,
non-volatile write cycle is completed.
An ACK, Acknowledge, is a software convention used to indicate
a successful data transfer. The transmitting device, either master
or slave, releases the SDA bus after transmitting eight bits.
During the ninth clock cycle, the receiver pulls the SDA line LOW
to acknowledge the reception of the eight bits of data (see
Figure 6).
The TW3811 responds with an ACK after recognition of a START
condition followed by a valid Identification Byte, and once again
after successful receipt of an Address Byte. The TW3811 also
responds with an ACK after receiving a Data Byte of a write
operation. The master must respond with an ACK after receiving
a Data Byte of a read operation.
A valid Identification Byte contains 0011 1 A1 A0 R/W as the
seven MSBs, where A0 = the logic level of the A0 pin, A1 = the
logic level of the A1 pin, and R/W is the bit that determines if the
next operation is a read or a write. The Read/Write bit is “1” for a
Read operation, and “0” for a Write operation (see Table 12).
Write Operation
A Write operation requires a START condition, followed by a valid
Identification Byte, a valid Address Byte, a Data Byte, and a STOP
condition. After each of the three bytes, the TW3811 responds
with an ACK.
STOP conditions that terminate write operations must be sent by
the master after sending at least 1 full data byte and its
associated ACK signal. If a STOP byte is issued in the middle of a
data byte, or before 1 full data byte + ACK is sent, then the
TW3811 resets itself without performing the write.
Read Operation
A Current Address Read operation is shown in Figure 8. It
consists of a minimum 2 bytes: a START followed by the ID byte
from the master with the R/W bit set to 1, then an ACK followed
by the data byte or bytes sent by the slave. The master
terminates the Read operation by not responding with an ACK
and then issuing a STOP condition. This operation is useful if the
master knows the current address and desires to read one or
more data bytes.
A Random Address Read operation consists of a three byte
“dummy write” instruction followed by a Current Address Read
operation (see Figure 6). The master initiates the operation
TABLE 11. RMII PASSTHROUGH MODE TIMING
PARAMETER
DESCRIPTION
MIN
TYP
MAX UNIT
T10.1
D to Q Setup Time
4
ns
T10.2
D to Q Hold Time
2
ns
FIGURE 4. RMII PASSTHROUGH MODE
RX_DVB
RX_DVA
RX_ERA
TX_ENA
TX_ERA
TX_CLKA
TX_DnA
RX_DnA
RX_CLKA
RX_ERB
TX_ENB
TX_ERB
TX_CLKB
TX_DnB
RX_DnB
RX_CLKB
External
PHY
External
MAC/SoC
4
4
4
4
TW3811 in
Passthrough
Mode
MDC
MDIO
TABLE 12. IDENTIFICATION BYTE FORMAT
A1
A0
Address Byte for a
Write
Address Byte for a Read
0
0
0x38
0x39
0
1
0x3A
0x3B
1
0
0x3C
0x3D
1
1
0x3E
0x3F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com