Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5676 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 2SC5676
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5676 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 2SC5676 Datasheet HTML 16Page - Renesas Technology Corp 2SC5676 Datasheet HTML 17Page - Renesas Technology Corp 2SC5676 Datasheet HTML 18Page - Renesas Technology Corp 2SC5676 Datasheet HTML 19Page - Renesas Technology Corp 2SC5676 Datasheet HTML 20Page - Renesas Technology Corp 2SC5676 Datasheet HTML 21Page - Renesas Technology Corp 2SC5676 Datasheet HTML 22Page - Renesas Technology Corp 2SC5676 Datasheet HTML 23Page - Renesas Technology Corp 2SC5676 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Data Sheet PU10065EJ01V0DS
18
µµµµPA859TD
VCE = 2 V, IC = 5 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.839
0.830
0.756
0.714
0.664
0.597
0.549
0.504
0.470
0.446
0.423
0.408
0.397
0.386
0.380
0.377
0.377
0.370
0.364
0.372
0.379
0.378
0.377
0.378
0.381
0.385
0.386
0.388
0.386
0.385
0.425
0.476
−14.1
−27.6
−41.5
−53.8
−65.6
−75.8
−86.0
−95.6
−104.8
−113.3
−121.7
−129.7
−136.4
−143.5
−149.3
−155.5
−160.5
−166.1
−169.3
−173.3
−176.8
−180.0
177.8
174.1
171.3
168.3
166.2
163.2
161.3
158.0
131.8
105.0
11.944
11.355
10.589
9.885
9.207
8.378
7.729
7.074
6.490
6.003
5.544
5.178
4.804
4.496
4.229
3.978
3.769
3.569
3.407
3.226
3.093
2.980
2.861
2.758
2.638
2.548
2.479
2.389
2.316
2.240
1.694
1.325
167.5
157.5
148.1
138.6
130.6
123.3
117.5
111.8
107.4
103.2
99.0
95.3
92.2
88.7
86.1
83.2
81.0
78.2
76.3
73.9
71.8
70.2
67.9
66.6
64.9
62.5
61.0
59.2
57.7
56.1
39.0
22.6
0.019
0.038
0.053
0.067
0.079
0.088
0.095
0.101
0.107
0.112
0.116
0.120
0.124
0.128
0.132
0.135
0.139
0.143
0.146
0.150
0.154
0.158
0.163
0.166
0.170
0.174
0.178
0.182
0.188
0.192
0.239
0.296
80.9
75.6
68.9
63.4
58.7
54.9
52.4
50.1
48.3
47.2
46.2
45.6
44.6
44.1
43.9
43.6
43.3
43.3
43.2
43.2
43.1
43.1
43.0
42.8
42.8
42.2
42.0
41.4
41.6
41.3
38.5
28.7
0.971
0.931
0.882
0.813
0.751
0.675
0.621
0.561
0.516
0.472
0.441
0.409
0.388
0.362
0.348
0.325
0.313
0.295
0.285
0.270
0.265
0.254
0.250
0.241
0.238
0.233
0.228
0.223
0.217
0.208
0.191
0.223
−8.9
−17.4
−25.0
−32.0
−37.7
−43.1
−47.4
−51.5
−55.2
−58.6
−61.8
−64.9
−67.4
−70.0
−72.0
−74.1
−75.9
−77.4
−79.4
−80.6
−82.9
−83.9
−86.0
−86.8
−88.8
−89.8
−91.2
−91.7
−93.3
−94.2
−126.6
−157.5
VCE = 2 V, IC = 7 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.805
0.780
0.699
0.652
0.598
0.530
0.487
0.446
0.419
0.400
0.382
0.376
0.368
0.362
0.356
0.357
0.360
0.354
0.352
0.363
0.367
0.369
0.368
0.371
0.375
0.378
0.376
0.380
0.379
0.378
0.422
0.472
−16.7
−31.7
−47.1
−60.6
−73.5
−84.2
−95.1
−104.6
−114.0
−122.8
−131.1
−138.7
−145.5
−152.2
−157.8
−163.6
−168.2
−173.5
−176.3
−180.0
176.6
174.2
171.7
168.5
166.1
163.2
161.3
158.8
156.6
153.2
129.2
103.7
14.517
13.607
12.452
11.390
10.393
9.318
8.489
7.695
7.017
6.442
5.929
5.500
5.107
4.760
4.465
4.196
3.966
3.758
3.587
3.387
3.250
3.127
3.002
2.893
2.764
2.666
2.599
2.502
2.425
2.346
1.762
1.373
166.0
154.4
144.1
134.3
126.0
119.0
113.5
107.9
103.8
99.9
96.2
92.7
89.7
86.5
84.2
81.5
79.5
76.8
75.1
72.8
70.8
69.3
67.1
66.0
64.3
62.1
60.6
58.9
57.6
55.9
39.4
23.5
0.018
0.036
0.051
0.063
0.073
0.081
0.088
0.093
0.098
0.103
0.108
0.112
0.117
0.121
0.126
0.130
0.134
0.138
0.142
0.147
0.152
0.156
0.161
0.166
0.170
0.175
0.179
0.184
0.191
0.195
0.246
0.303
80.4
73.4
67.3
62.0
57.6
54.5
52.7
51.0
49.8
49.1
48.6
48.4
47.7
47.5
47.4
47.3
47.0
47.1
46.9
47.1
46.8
46.8
46.6
46.4
46.2
45.6
45.3
44.7
44.7
44.2
40.1
29.1
0.961
0.907
0.843
0.761
0.690
0.612
0.555
0.497
0.453
0.413
0.384
0.355
0.337
0.313
0.301
0.280
0.270
0.253
0.246
0.232
0.228
0.218
0.215
0.207
0.205
0.200
0.196
0.191
0.186
0.178
0.177
0.222
−10.6
−20.5
−28.9
−36.4
−42.4
−47.9
−52.1
−56.2
−59.9
−63.5
−66.6
−70.0
−72.5
−75.4
−77.3
−79.7
−81.6
−83.5
−85.5
−87.0
−89.6
−90.8
−93.1
−94.0
−96.0
−97.0
−98.8
−99.3
−101.2
−102.4
−137.7
−167.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com