Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5676 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # 2SC5676
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5676 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button 2SC5676 Datasheet HTML 22Page - Renesas Technology Corp 2SC5676 Datasheet HTML 23Page - Renesas Technology Corp 2SC5676 Datasheet HTML 24Page - Renesas Technology Corp 2SC5676 Datasheet HTML 25Page - Renesas Technology Corp 2SC5676 Datasheet HTML 26Page - Renesas Technology Corp 2SC5676 Datasheet HTML 27Page - Renesas Technology Corp 2SC5676 Datasheet HTML 28Page - Renesas Technology Corp 2SC5676 Datasheet HTML 29Page - Renesas Technology Corp 2SC5676 Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Data Sheet PU10065EJ01V0DS
25
µµµµPA859TD
VCE = 2 V, IC = 10 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.717
0.656
0.612
0.600
0.598
0.598
0.599
0.603
0.607
0.612
0.616
0.623
0.629
0.632
0.637
0.640
0.644
0.645
0.647
0.648
0.652
0.651
0.654
0.653
0.656
0.651
0.650
0.641
0.620
0.610
0.692
0.686
−69.5
−110.4
−134.4
−148.9
−158.6
−166.9
−173.0
−178.3
177.3
173.6
169.9
166.7
164.4
161.7
159.8
157.7
155.9
154.2
152.2
150.7
148.9
147.3
145.6
143.6
141.9
140.1
138.4
136.7
135.4
135.1
117.7
97.8
22.966
15.675
11.341
8.789
7.159
6.019
5.167
4.533
4.021
3.623
3.295
3.007
2.780
2.583
2.407
2.265
2.128
2.012
1.911
1.822
1.749
1.675
1.607
1.554
1.494
1.439
1.386
1.332
1.271
1.227
0.971
0.755
139.9
118.4
106.3
98.4
92.6
88.1
84.1
80.9
77.7
74.8
72.1
69.6
67.0
64.7
62.4
60.1
58.1
56.0
54.0
51.8
50.1
48.5
46.8
44.6
43.0
41.2
39.6
38.3
36.3
34.9
18.0
5.3
0.035
0.050
0.057
0.062
0.067
0.071
0.076
0.081
0.086
0.091
0.097
0.102
0.108
0.113
0.119
0.125
0.131
0.136
0.142
0.149
0.155
0.161
0.168
0.175
0.182
0.188
0.195
0.200
0.207
0.210
0.270
0.331
56.5
46.1
41.8
40.9
41.6
43.1
44.4
45.9
46.9
48.2
49.1
49.9
50.6
51.2
51.7
52.0
52.4
52.6
52.7
52.8
52.8
52.5
52.2
51.8
51.5
50.9
50.2
49.0
47.2
46.7
42.8
28.6
0.774
0.530
0.388
0.303
0.250
0.214
0.191
0.177
0.170
0.167
0.168
0.169
0.173
0.176
0.180
0.183
0.187
0.189
0.193
0.194
0.197
0.198
0.202
0.202
0.206
0.208
0.214
0.220
0.227
0.233
0.322
0.408
−39.5
−61.4
−74.0
−83.4
−90.8
−98.6
−105.2
−112.4
−118.3
−124.0
−128.3
−132.2
−134.8
−137.7
−139.1
−141.5
−142.1
−144.1
−144.4
−146.2
−146.9
−148.6
−149.5
−151.2
−152.6
−154.5
−156.4
−158.3
−160.4
−163.2
−178.6
168.2
VCE = 2 V, IC = 20 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.608
0.579
0.572
0.572
0.573
0.581
0.581
0.590
0.595
0.601
0.606
0.612
0.620
0.622
0.627
0.631
0.635
0.634
0.637
0.635
0.640
0.638
0.641
0.641
0.642
0.641
0.638
0.630
0.606
0.599
0.677
0.673
−95.8
−133.1
−152.2
−163.4
−170.4
−176.7
178.6
174.4
170.9
167.8
164.8
162.3
160.2
157.9
156.2
154.5
152.8
150.8
149.5
147.9
146.2
144.8
143.3
141.6
140.0
138.3
136.7
135.0
133.8
133.6
116.9
97.5
30.772
18.610
12.924
9.847
7.946
6.645
5.690
4.978
4.415
3.962
3.596
3.289
3.042
2.825
2.638
2.479
2.325
2.201
2.088
1.990
1.912
1.833
1.759
1.698
1.634
1.574
1.515
1.458
1.390
1.345
1.067
0.832
128.9
109.3
99.9
93.5
88.8
85.2
81.9
79.0
76.4
74.0
71.7
69.3
67.1
65.0
62.9
60.9
59.1
57.1
55.2
53.3
51.7
50.1
48.5
46.5
44.9
43.4
41.6
40.3
38.5
37.3
20.8
7.7
0.029
0.037
0.043
0.050
0.056
0.063
0.070
0.077
0.084
0.091
0.098
0.106
0.112
0.119
0.126
0.133
0.140
0.147
0.154
0.161
0.168
0.175
0.183
0.190
0.197
0.204
0.211
0.216
0.222
0.225
0.285
0.338
50.8
48.6
48.6
50.9
53.0
55.1
56.2
57.2
57.7
58.3
58.5
58.6
58.8
58.6
58.5
58.2
58.0
57.7
57.1
56.8
56.3
55.5
54.7
53.9
53.2
52.3
51.2
49.7
47.8
47.1
41.2
26.5
0.637
0.398
0.293
0.240
0.211
0.199
0.192
0.192
0.195
0.201
0.205
0.211
0.215
0.220
0.224
0.228
0.230
0.233
0.234
0.235
0.236
0.236
0.238
0.239
0.241
0.243
0.248
0.253
0.261
0.266
0.340
0.411
−56.7
−83.5
−99.9
−113.4
−124.0
−134.2
−141.6
−148.6
−153.1
−157.4
−160.0
−162.5
−163.9
−165.7
−166.6
−168.0
−168.5
−170.1
−170.2
−171.9
−172.4
−174.2
−174.8
−176.4
−177.4
−179.0
179.7
178.3
177.4
175.0
165.7
156.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com