Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMI15/4 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # KMI15/4
Description  Rotational speed sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMI15/4 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button KMI15/4 Datasheet HTML 4Page - NXP Semiconductors KMI15/4 Datasheet HTML 5Page - NXP Semiconductors KMI15/4 Datasheet HTML 6Page - NXP Semiconductors KMI15/4 Datasheet HTML 7Page - NXP Semiconductors KMI15/4 Datasheet HTML 8Page - NXP Semiconductors KMI15/4 Datasheet HTML 9Page - NXP Semiconductors KMI15/4 Datasheet HTML 10Page - NXP Semiconductors KMI15/4 Datasheet HTML 11Page - NXP Semiconductors KMI15/4 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2000 Sep 05
8
Philips Semiconductors
Product specification
Rotational speed sensor
KMI15/4
Fig.12 Sensing distance as a function of positional
tolerance; typical values.
VCC = 12 V; ft = 2 kHz; module = 2 mm.
handbook, halfpage
1
2
4
3
01
0
d
(mm)
MBD841
d
Θ
23 θ (deg)
4
f t
Fig.13 Sensing distance as a function of positional
tolerance in the x-axis; typical values.
VCC = 12 V; ft = 2 kHz; module = 2 mm.
handbook, halfpage
MBD842
x (mm)
1
2
3
0
x
d
10 mm
–+
d
(mm)
02
4
6
–2
–4
–6
Fig.14 Typical sensing distance as a function of
ambient temperature; typical values.
handbook, halfpage
1
2
4
3
-50
0
50
100
150
200
0
amb
T
( C)
o
d
(mm)
MBD839
d
Fig.15 Sensor positioning.
handbook, halfpage
gear wheel
sensor
d
d
MRA963



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com