Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMI15/4 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # KMI15/4
Description  Rotational speed sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMI15/4 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button KMI15/4 Datasheet HTML 7Page - NXP Semiconductors KMI15/4 Datasheet HTML 8Page - NXP Semiconductors KMI15/4 Datasheet HTML 9Page - NXP Semiconductors KMI15/4 Datasheet HTML 10Page - NXP Semiconductors KMI15/4 Datasheet HTML 11Page - NXP Semiconductors KMI15/4 Datasheet HTML 12Page - NXP Semiconductors KMI15/4 Datasheet HTML 13Page - NXP Semiconductors KMI15/4 Datasheet HTML 14Page - NXP Semiconductors KMI15/4 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2000 Sep 05
11
Philips Semiconductors
Product specification
Rotational speed sensor
KMI15/4
PACKAGE OUTLINE
UNIT
bp
c
Q
L2
L1
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
1.7
1.4
0.8
0.7
bp1
1.57
1.47
5.7
5.5
4.1
3.9
0.3
0.24
1.2
0.9
3.9
3.5
L3
6.55
6.35
M1
5.65
5.35
M2
5.65
5.35
M3
(1)
3.15
2.85
L
7.55
7.25
D(2) D1
(2)
3.15
2.95
D2
(2)
4.5
4.3
E(2)
5.7
5.5
4.6
4.4
E1
(2)
18.2
17.8
HE
5.6
5.5
HE1
K
max.
3.87
e
0.25
0.75
0.65
DIMENSIONS (mm are the original dimensions)
SOT453C
99-09-23
00-08-31
0
2.5
5 mm
scale
A(1)
Plastic single-ended multi-chip package;
magnetized ferrite magnet (5.5 x 5.5 x 3 mm); 4 interconnections; 2 in-line leads
SOT453C
e
E
E1
HE1
L1
D
L
bp1
D1
D2
L3
HE
M1
Notes
1. Glue thickness not included.
2. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
L2
bp
c
12
v M AB
v M AB
Q
A
K
M2
M3
B
A
SENSOR DIE POSITION
*
centre of reading point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com