Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMI15/4 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # KMI15/4
Description  Rotational speed sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMI15/4 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button KMI15/4 Datasheet HTML 6Page - NXP Semiconductors KMI15/4 Datasheet HTML 7Page - NXP Semiconductors KMI15/4 Datasheet HTML 8Page - NXP Semiconductors KMI15/4 Datasheet HTML 9Page - NXP Semiconductors KMI15/4 Datasheet HTML 10Page - NXP Semiconductors KMI15/4 Datasheet HTML 11Page - NXP Semiconductors KMI15/4 Datasheet HTML 12Page - NXP Semiconductors KMI15/4 Datasheet HTML 13Page - NXP Semiconductors KMI15/4 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2000 Sep 05
10
Philips Semiconductors
Product specification
Rotational speed sensor
KMI15/4
EMC
Figure 18 shows a recommended application circuit for
automotive applications (wheel sensing ft < 5 kHz).
It provides a protection interface to meet Electromagnetic
Compatibility (EMC) standards and safeguard against
voltage spikes Table 1 lists the tests which are applicable
to this circuit and the achieved class of functional status.
Protection against ‘load dump’ (test pulse 5 according to
“DIN 40839”) means a very high demand on the protection
circuit and requires a suitable suppressor diode with
sufficient energy absorption capability.
The board net often contains a central load dump
protection that makes such a device in the protection
circuit of the sensor module unnecessary.
Tests for electrostatic discharge (ESD) were conducted in
line with
“IEC 801-2” to demonstrate the KMI15/4’s
handling capabilities. The
“IEC 801-2” test conditions
were: C = 150 pF, R = 150
Ω, V = 2 kV.
Electromagnetic disturbances with fields up to 150 V/m
and f = 1 GHz (ref.
“DIN 40839”) have no influence on
performance.
Table 1
EMC test results
EMC REF. DIN 40839
SYMBOL
MIN. (V)
MAX. (V)
REMARKS
CLASS
Test pulse 1
VLD
−100
−
td = 2 ms
C
Test pulse 2
VLD
−
100
td = 0.2 ms
A
Test pulse 3a
VLD
−150
−
td = 0.1 µsA
Test pulse 3b
VLD
−
100
td = 0.1 µsA
Test pulse 4
VLD
−7
−
td = 130 ms
B
Test pulse 5
VLD
−
120
td = 400 ms
B
Fig.18 Test/application circuit for the KMI15/4.
handbook, halfpage
MGD805
CL
RL
C1
115
Ω
100
nF
100
nF
D2
D1
BZTO3G36
1N4001/3
+V
GND
−V
VCC
SENSOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com