Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9705BCPZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9705BCPZ
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705BCPZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9705BCPZ Datasheet HTML 27Page - Analog Devices AD9705BCPZ Datasheet HTML 28Page - Analog Devices AD9705BCPZ Datasheet HTML 29Page - Analog Devices AD9705BCPZ Datasheet HTML 30Page - Analog Devices AD9705BCPZ Datasheet HTML 31Page - Analog Devices AD9705BCPZ Datasheet HTML 32Page - Analog Devices AD9705BCPZ Datasheet HTML 33Page - Analog Devices AD9705BCPZ Datasheet HTML 34Page - Analog Devices AD9705BCPZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 31 of 52
R/W N1 N0 A4 A3 A2 A1 A0 D7N D6N D5N
D00
D10
D20
D30
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
CSB
SCLK
SDIO
Figure 73. Serial Register Interface Timing, MSB First Write
R/W N1 N0A4A3
A2 A1 A0
D7
D6N D5N
D00
D10
D20
D30
D6N D5N
D00
D10
D20
D30
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
CSB
SCLK
SDIO
SDO
D7
Figure 74. Serial Register Interface Timing, MSB First Read
A0 A1 A2 A3 A4 N0 N1 R/W D00 D10 D20
D7N
D6N
D5N
D4N
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
CSB
SCLK
SDIO
Figure 75. Serial Register Interface Timing, LSB First Write
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
CSB
SCLK
SDIO
SDO
A0 A1 A2 A3 A4 N0 N1 R/W
D10 D20
D7N
D6N
D5N
D4N
D10 D20
D7N
D6N
D5N
D4N
D0
D0
Figure 76. Serial Register Interface Timing, LSB First Read
INSTRUCTION BIT 6
INSTRUCTION BIT 7
CSB
SCLK
SDIO
tDS
tDS
tDH
tPWH
tPWL
tSCLK
Figure 77. Timing Diagram for SPI Register Write
I1
I0
D7
D6
D5
tDV
tDNV
CSB
SCLK
SDIO
Figure 78. Timing Diagram for SPI Register Read
SPI REGISTER MAP
Table 14.
Name
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPI CTL
0x00
SDIODIR
DATADIR
SWRST
LNGINS
PDN
SLEEP
CLKOFF
EXREF
DATA
0x02
DATAFMT
DCLKPOL
DESKEW
CLKDIFF
CALCLK
VERSION
0x0D
VER[3]
VER[2]
VER[1]
VER[0]
CALMEM
0x0E
CALMEM[1]
CALMEM[0]
DIVSEL[2]
DIVSEL[1]
DIVSEL[0]
MEMRDWR
0x0F
CALSTAT
CALEN
SMEMWR
SMEMRD
UNCAL
MEMADDR
0x10
MEMADDR[5]
MEMADDR[4]
MEMADDR[3]
MEMADDR[2]
MEMADDR[1]
MEMADDR[0]
MEMDATA
0x11
MEMDATA[5]
MEMDATA[4]
MEMDATA[3]
MEMDATA[2]
MEMDATA[1]
MEMDATA[0]
TRIM
0x14
CALDACFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com