Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9705BCPZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9705BCPZ
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705BCPZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9705BCPZ Datasheet HTML 32Page - Analog Devices AD9705BCPZ Datasheet HTML 33Page - Analog Devices AD9705BCPZ Datasheet HTML 34Page - Analog Devices AD9705BCPZ Datasheet HTML 35Page - Analog Devices AD9705BCPZ Datasheet HTML 36Page - Analog Devices AD9705BCPZ Datasheet HTML 37Page - Analog Devices AD9705BCPZ Datasheet HTML 38Page - Analog Devices AD9705BCPZ Datasheet HTML 39Page - Analog Devices AD9705BCPZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 36 of 52
Note that setting OTCM to a voltage greater than ACOM allows
the peak of the output signal to be closer to the positive supply
rail. To prevent distortion in the output signal due to limited
available headroom, the common-mode level must be chosen
such that the following expression is satisfied:
AVDD − VOTCM > 1.8 V
(10)
DIGITAL INPUTS
The AD9707, AD9706, AD9705, and AD9704 have data inputs
of 14, 12, 10, and 8 bits, respectively; and each has a clock input.
The parallel data inputs can follow standard positive binary or
twos complement coding. IOUTA produces a full-scale output
current when all data bits are at Logic 1. IOUTB produces a
complementary output with the full-scale current split between
the two outputs as a function of the input code.
DIGITAL
INPUT
DVDD
Figure 80. Equivalent Digital Input
The digital interface is implemented using an edge-triggered
master/slave latch. The DAC output updates on the rising edge
of the clock and is designed to support a clock rate as high as
175 MSPS. The clock can be operated at any duty cycle that meets
the specified latch pulsewidth. The setup and hold times can
also be varied within the clock cycle, as long as the specified
minimum times are met, although the location of these transition
edges may affect digital feedthrough and distortion performance.
Best performance is typically achieved when the input data
transitions on the falling edge of a 50% duty cycle clock.
CLOCK INPUT
A configurable clock input allows the device to be operated in
a single-ended or a differential clock mode. The mode selection
can be controlled either by the CMODE pin, if the device is in pin
mode; or through SPI Register 0x02, Bit 2 (CLKDIFF), if the SPI
is enabled. Connecting CMODE to CLKCOM selects the single-
ended clock input. In this mode, the CLK+ input is driven with
rail-to-rail swings, and the CLK− input is left floating. If CMODE
is connected to CLKVDD, the differential receiver mode is selected.
In this mode, both inputs are high impedance. Table 24 gives a
summary of clock mode control. There is no significant perform-
ance difference between the clock input modes.
Table 24. Clock Mode Selection
SPI Disabled
CMODE Pin
SPI Enabled
Register 0x02, Bit 2
Clock Input Mode
CLKCOM
0
Single-ended
CLKVDD
1
Differential
In differential input mode, the clock input functions as a high
impedance differential pair. The common-mode level of the
CLK+ and CLK− inputs can vary from 0.75 V to 2.25 V, and the
differential voltage can be as low as 0.5 V p-p. This mode can be
used to drive the clock with a differential sine wave because the
high gain bandwidth of the differential inputs converts the sine
wave into a single-ended square wave internally.
DAC TIMING
Input Clock and Data Timing Relationship
Dynamic performance in a DAC is dependent on the relation-
ship between the position of the clock edges and the time at
which the input data changes. The AD970x is rising-edge
triggered and so exhibits dynamic performance sensitivity when
the data transition is close to this edge. In general, the goal
when applying the AD970x is to make the data transition close
to the falling clock edge. This becomes more important as the
sample rate increases. Figure 81 shows the relationship of SFDR
to clock placement with different sample rates.
95
90
85
80
75
70
65
60
55
50
45
–4
–3
–2
–1
0
1
DATA EDGE WITH RESPECT TO RISING CLOCK EDGE (ns)
80MSPS
125MSPS
Figure 81. SFDR vs. Clock Placement
POWER DISSIPATION
The power dissipation, PD, of the AD970x is dependent on
several factors that include
•
The power supply voltages (AVDD, CLKVDD, and
DVDD)
•
The full-scale current output, IOUTFS
•
The update rate, fCLOCK
•
The reconstructed digital input waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com