Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9705BCPZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD9705BCPZ
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705BCPZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9705BCPZ Datasheet HTML 36Page - Analog Devices AD9705BCPZ Datasheet HTML 37Page - Analog Devices AD9705BCPZ Datasheet HTML 38Page - Analog Devices AD9705BCPZ Datasheet HTML 39Page - Analog Devices AD9705BCPZ Datasheet HTML 40Page - Analog Devices AD9705BCPZ Datasheet HTML 41Page - Analog Devices AD9705BCPZ Datasheet HTML 42Page - Analog Devices AD9705BCPZ Datasheet HTML 43Page - Analog Devices AD9705BCPZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 40 of 52
APPLICATIONS
OUTPUT CONFIGURATIONS
The following sections illustrate some typical output configura-
tions for the AD970x. Unless otherwise noted, it is assumed that
IOUTFS is set to a nominal 2 mA. For applications requiring the
optimum dynamic performance, a differential output configuration
is suggested. A differential output configuration can consist of
either an RF transformer or a differential op amp configuration.
The transformer configuration provides the optimum high
frequency performance and is recommended for any application
that allows ac coupling. The differential op amp configuration is
suitable for applications requiring dc coupling, signal gain,
and/or a low output impedance.
A single-ended output is suitable for applications where low
cost and low power consumption are primary concerns.
DIFFERENTIAL COUPLING USING A TRANSFORMER
An RF transformer can be used to perform a differential-to-
single-ended signal conversion, as shown in
Figure 90. The
distortion performance of a transformer typically exceeds that
available from standard op amps, particularly at higher frequencies.
Transformer coupling provides excellent rejection of common-
mode distortion (that is, even-order harmonics) over a wide
frequency range. It also provides electrical isolation and can
deliver voltage gain without adding noise. Transformers with
different impedance ratios can also be used for impedance
matching purposes. The main disadvantages of transformer
coupling are the low frequency roll-off, lack of power gain, and
the higher output impedance.
AD9704/AD9705
AD9706/AD9707
IOUTB
IOUTA
22
21
OPTIONAL RDIFF
RLOAD
Figure 90. Differential Output Using a Transformer
The center tap on the primary side of the transformer must be
connected to a voltage that keeps the voltages on IOUTA and
IOUTB within the output common voltage range of the device.
It should be noted that the dc component of the DAC output
current is equal to IFS/2 and flows out of both IOUTA and
IOUTB. The center tap of the transformer should provide a
path for this dc current. In many applications, AGND provides
the most convenient voltage for the transformer center tap. The
complementary voltages appearing at IOUTA and IOUTB (that
is, VIOUTA and VIOUTB) swing symmetrically around AGND and
should be maintained with the specified output compliance
range of the AD970x.
A differential resistor, RDIFF, can be inserted in applications where
the output of the transformer is connected to the load, RLOAD, via
a passive reconstruction filter or cable. RDIFF, as reflected by the
transformer, is chosen to provide a source termination that
results in a low VSWR. Note that approximately half the signal
power is dissipated across RDIFF.
SINGLE-ENDED BUFFERED OUTPUT
USING AN OP AMP
An op amp can be used to perform a single-ended current-
to-voltage conversion, as shown in
Figure 91. u
. T
he AD970x is
configured with a pair of series resistors, RS, off each output.
The feedback resistor, RFB, determines the peak single-ended
output voltage by the formula
2
FS
FB
OUT
I
R
V
×
=
The common-mode voltage of the output is determined by the
formula
OUT
B
FB
REF
CM
V
R
R
V
V
−
+
×
=
)
1
(
The maximum and minimum voltages out of the amplifier are
)
1
(
B
FB
REF
MAX
R
R
V
V
+
×
=
FB
FS
MAX
MIN
R
I
V
V
×
−
=
respectively.
+5V
AD9704/AD9705
AD9706/AD9707
IOUTA
IOUTB 20
RFB
ADA4841
VOUT
REFIO 23
21
RS
OTCM 19
CF
C
RS
RB
Figure 91. Single-Supply Single-Ended Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com