Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NT5SV64M4AT Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # NT5SV64M4AT
Description  256Mb Synchronous DRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT5SV64M4AT Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button NT5SV64M4AT Datasheet HTML 28Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 29Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 30Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 31Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 32Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 33Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 34Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 35Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
NT5SV64M4AT(L)
NT5SV32M8AT(L)
NT5SV16M16AT(L)
256Mb Synchronous DRAM
REV 1.0
May, 2001
32
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Read with
Auto Pre-
charge
L
L
L
L
OP Code
Mode Register Set
ILLEGAL
L
L
L
H
X
X
Auto or Self Refresh
ILLEGAL
L
L
H
L
BS
X
Precharge
ILLEGAL
4
L
L
H
H
BS
Row Address Bank Activate
ILLEGAL
4
L
H
L
L
BS
Column
Write
ILLEGAL
4
L
H
L
H
BS
Column
Read
ILLEGAL
4
L
H
H
H
X
X
No Operation
Continue the Burst
H
X
X
X
X
X
Device Deselect
Continue the Burst
Write with Auto
Precharge
L
L
L
L
OP Code
Mode Register Set
ILLEGAL
L
L
L
H
X
X
Auto or Self Refresh
ILLEGAL
L
L
H
L
BS
X
Precharge
ILLEGAL
4
L
L
H
H
BS
Row Address Bank Activate
ILLEGAL
4
L
H
L
L
BS
Column
Write
ILLEGAL
4
L
H
L
H
BS
Column
Read
ILLEGAL
4
L
H
H
H
X
X
No Operation
Continue the Burst
H
X
X
X
X
X
Device Deselect
Continue the Burst
Precharging
L
L
L
L
OP Code
Mode Register Set
ILLEGAL
L
L
L
H
X
X
Auto or Self Refresh
ILLEGAL
L
L
H
L
BS
X
Precharge
No Operation; Bank(s) idle after tRP
L
L
H
H
BS
Row Address Bank Activate
ILLEGAL
4
L
H
L
L
BS
Column
Write
ILLEGAL
4
L
H
L
H
BS
Column
Read
ILLEGAL
4
L
H
H
H
X
X
No Operation
No Operation; Bank(s) idle after tRP
H
X
X
X
X
X
Device Deselect
No Operation; Bank(s) idle after tRP
Row
Activating
L
L
L
L
OP Code
Mode Register Set
ILLEGAL
L
L
L
H
X
X
Auto or Self Refresh
ILLEGAL
L
L
H
L
BS
X
Precharge
ILLEGAL
4
L
L
H
H
BS
Row Address Bank Activate
ILLEGAL
4, 10
L
H
L
L
BS
Column
Write
ILLEGAL
4
L
H
L
H
BS
Column
Read
ILLEGAL
4
L
H
H
H
X
X
No Operation
No Operation; Row Active after tRCD
H
X
X
X
X
X
Device Deselect
No Operation; Row Active after tRCD
Current State Truth Table (Part 2 of 3)(See note 1)
Current State
Command
Action
Notes
CS
RAS CAS
WE
BA0,BA1
A12 - A0
Description
1. CKE is assumed to be active (high) in the previous cycle for all entries. The Current State is the state of the bank that the Command is
being applied to.
2. All Banks must be idle; otherwise, it is an illegal action.
3. If CKE is active (high) the SDRAM will start the Auto (CBR) Refresh operation, if CKE is inactive (low) than the Self Refresh mode is
entered.
4. The Current State refers to only one of the banks. If BS selects this bank then the action is illegal. If BS selects the bank no t being refer-
enced by the Current State then the action may be legal depending on the state of that bank.
5. If CKE is inactive (low) then the Power Down mode is entered; otherwise there is a No Operation.
6. The minimum and maximum Active time (tRAS) must be satisfied.
7. The RAS to CAS Delay (t RCD) must occur before the command is given.
8. Column address A10 is used to determine if the Auto Precharge function is activated.
9. The command must satisfy any bus contention, bus turn around, and/or write recovery requirements.
10. The command is illegal if the minimum bank to bank delay time (t RRD ) is not satisfied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com