Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NT5SV64M4AT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NT5SV64M4AT
Description  256Mb Synchronous DRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT5SV64M4AT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NT5SV64M4AT Datasheet HTML 1Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 2Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 3Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 4Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 5Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 6Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 7Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 8Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
NT5SV64M4AT(L)
NT5SV32M8AT(L)
NT5SV16M16AT(L)
256Mb Synchronous DRAM
REV 1.0
May, 2001
4
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Ordering Information
Organization
Part Number
Speed Grade
Package
Self
Refresh
Clock Frequency@CAS Latency
Note
64M x 4
NT5SV64M4AT-7K
143MHz@CL3
133MHz@CL2
PC133 , PC100
400mil 54-
PIN
TSOP II
SP
NT5SV64M4AT-75B
133MHz@CL3
100MHz@CL2
PC133 , PC100
NT5SV64M4AT-8B
125MHz@CL3
100MHz@CL2
PC100
32M x 8
NT5SV32M8AT-7K
143MHz@CL3
133MHz@CL2
PC133 , PC100
NT5SV32M8AT-75B
133MHz@CL3
100MHz@CL2
PC133 , PC100
NT5SV32M8AT-8B
125MHz@CL3
100MHz@CL2
PC100
16M x 16
NT5SV16M16AT-7K
143MHz@CL3
133MHz@CL2
PC133 , PC100
NT5SV16M16AT-75B
133MHz@CL3
100MHz@CL2
PC133 , PC100
NT5SV16M16AT-8B
125MHz@CL3
100MHz@CL2
PC100
16M x 16
NT5SV16M16AT-7KL
143MHz@CL3
133MHz@CL2
PC133 , PC100
LP
NT5SV16M16AT-75BL
133MHz@CL3
100MHz@CL2
PC133 , PC100
NT5SV16M16AT-8BL
125MHz@CL3
100MHz@CL2
PC100
SP : Standard Power ; LP : Low power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com