Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NT5SV64M4AT Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NT5SV64M4AT
Description  256Mb Synchronous DRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT5SV64M4AT Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NT5SV64M4AT Datasheet HTML 3Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 4Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 5Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 6Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 7Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 8Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 9Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 10Page - List of Unclassifed Manufacturers NT5SV64M4AT Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
NT5SV64M4AT(L)
NT5SV32M8AT(L)
NT5SV16M16AT(L)
256Mb Synchronous DRAM
REV 1.0
May, 2001
7
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Mode Register Operation (Address Input For Mode Set)
A11
A3
A4
A2
A1
A0
A10
A9
A8
A7
A6
A5
Address
BT
Burst Length
CAS Latency
Mode
CAS Latency
M6
M5
M4
Latency
0
0
0
Reserved
0
0
1
Reserved
0
1
0
2
0
1
1
3
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
Burst Length
M2
M1
M0
Length
Sequential Interleave
0
0
0
1
1
0
0
1
2
2
0
1
0
4
4
0
1
1
8
8
1
0
0
Reserved
Reserved
1
0
1
Reserved
Reserved
1
1
0
Reserved
Reserved
1
1
1
Reserved
Reserved
Burst Type
M3
Type
0
Sequential
1
Interleave
Operation Mode
M1 4 M13 M12 M11 M10 M9
M8
M7
Mode
0
0
0
0
0
0
0
0
Normal
0
0
0
0
0
1
0
0
Multiple Burst
with
Single Write
Operation Mode
BA0
BA1
Bus (Ax)
Register(Mx)
A12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com