Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5344 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5344
Description  98 dB, 96 kHz, Multi-Bit Audio A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5344 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5344 Datasheet HTML 4Page - Cirrus Logic CS5344 Datasheet HTML 5Page - Cirrus Logic CS5344 Datasheet HTML 6Page - Cirrus Logic CS5344 Datasheet HTML 7Page - Cirrus Logic CS5344 Datasheet HTML 8Page - Cirrus Logic CS5344 Datasheet HTML 9Page - Cirrus Logic CS5344 Datasheet HTML 10Page - Cirrus Logic CS5344 Datasheet HTML 11Page - Cirrus Logic CS5344 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
DS687A4
CS5343/4
DIGITAL FILTER CHARACTERISTICS
Notes:
6.
Response shown is for Fs equal to 48 kHz. Filter characteristics scale with Fs.
DC ELECTRICAL CHARACTERISTICS
(GND = 0 V, all voltages with respect to 0 V. MCLK=12.288 MHz; Master Mode)
Notes:
7.
Device enters power-down mode when MCLK is held static.
8.
Valid with the recommended capacitor values on FILT+ and VQ as shown in the Typical Connection
Diagram.
Parameter
Symbol
Min
Typ
Max
Unit
Single-Speed Mode
Fs = 4 - 54 kHz
Passband
(-0.1 dB)
0
-
0.489
Fs
Passband Ripple
-0.025
-
0.025
dB
Stopband
0.560
-
-
Fs
Stopband Attenuation
69
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
tgd
-
12/Fs
-
s
Double-Speed Mode
Fs = 86 - 108 kHz
Passband
(-0.1 dB)
0
-
0.489
Fs
Passband Ripple
-0.025
-
0.025
dB
Stopband
0.560
-
-
Fs
Stopband Attenuation
69
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
tgd
-9/Fs
-
s
High-Pass Filter Characteristics
Frequency Response
-3.0 dB
-0.13 dB
(Note 6)
-1
20
-
-
Hz
Hz
Phase Deviation
@ 20 Hz
(Note 6)
-10
-
Deg
Passband Ripple
-
-
0
dB
Parameter
Symbol
VA = 3.3 V
VA = 5.0 V
Min
Typ
Max Min
Typ
Max
Unit
DC Power Supplies:
VA
3.1
3.3
-
-
5
5.25
V
Power Supply Current
(Normal Operation)
IA
-15
-
-
15
-
mA
Power Supply Current
(Power-Down Mode) (Note 7)
IA
-1.1
-
-
1.1
-
mA
Power Consumption
(Normal Operation)
(Power-Down Mode) (Note 7)
-
-
-
-
50
3.6
-
-
-
-
75
5.5
-
-
mW
mW
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Rejection Ratio (1 kHz)
(Note 8)
PSRR
-
65
-
dB
VQ Nominal Voltage
Output Impedance
-
-
0.44xVA
25
-
-
V
k
Ω
Filt+ Nominal Voltage
Output Impedance
Maximum allowable DC current source/sink
-
-
-
VA
220
2.5
-
-
-
V
k
Ω
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com