Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5344 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5344
Description  98 dB, 96 kHz, Multi-Bit Audio A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5344 Datasheet(HTML) 3 Page - Cirrus Logic

  CS5344 Datasheet HTML 1Page - Cirrus Logic CS5344 Datasheet HTML 2Page - Cirrus Logic CS5344 Datasheet HTML 3Page - Cirrus Logic CS5344 Datasheet HTML 4Page - Cirrus Logic CS5344 Datasheet HTML 5Page - Cirrus Logic CS5344 Datasheet HTML 6Page - Cirrus Logic CS5344 Datasheet HTML 7Page - Cirrus Logic CS5344 Datasheet HTML 8Page - Cirrus Logic CS5344 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DS687A4
3
CS5343/4
LIST OF TABLES
Table 1. Master/Slave Mode Selection ...................................................................................................... 13
Table 2. Speed Modes and the Associated Sample Rates (Fs) in Slave Mode......................................... 13
Table 3. Speed Modes and the Associated Sample Rates (Fs) in Master Mode....................................... 14
Table 4. Speed Mode Selection in Master Mode ....................................................................................... 14
Table 5. Common MCLK Frequencies in Master and Slave Modes .......................................................... 14
Table 6. Analog Input Design Parameters ................................................................................................. 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com