Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5344 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5344
Description  98 dB, 96 kHz, Multi-Bit Audio A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5344 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5344 Datasheet HTML 1Page - Cirrus Logic CS5344 Datasheet HTML 2Page - Cirrus Logic CS5344 Datasheet HTML 3Page - Cirrus Logic CS5344 Datasheet HTML 4Page - Cirrus Logic CS5344 Datasheet HTML 5Page - Cirrus Logic CS5344 Datasheet HTML 6Page - Cirrus Logic CS5344 Datasheet HTML 7Page - Cirrus Logic CS5344 Datasheet HTML 8Page - Cirrus Logic CS5344 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
DS687A4
CS5343/4
1. PIN DESCRIPTIONS
Pin Name Pin #
Pin Description
SDOUT
1
Serial Audio Data Output (Output) - Output for two’s complement serial audio data. Also selects Master
or Slave Mode.
SCLK
2
Serial Clock (Input/Output) - Serial clock for the serial audio interface.
LRCK
3
Left Right Clock (Input/Output) - Determines which channel, Left or Right, is currently active on the
serial audio data line.
MCLK
4
Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters.
FILT+
5
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuits.
AINL
AINR
6
8
Analog Input (Input) - The full-scale analog input level is specified in the Analog Characteristics specifi-
cation table.
VQ
7
Quiescent Voltage (Output) - Filter connection for the internal quiescent reference voltage.
GND
9
Ground (Input) - Ground reference. Must be connected to analog ground.
VA
10
Power (Input) - Positive power supply for the digital and analog sections.
1
2
3
4
5
6
7
8
9
10
SDOUT
SCLK
LRCK
MCLK
FILT+
VA
GND
AINR
VQ
AINL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com