Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1017-2.85VLT Datasheet(PDF) 12 Page - Microchip Technology

Part # TC1017-2.85VLT
Description  150 mA, Tiny CMOS LDO With Shutdown
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017-2.85VLT Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC1017-2.85VLT Datasheet HTML 8Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 9Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 10Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 11Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 12Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 13Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 14Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 15Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
TC1017
DS21813B-page 12
 2003 Microchip Technology Inc.
5.0
THERMAL CONSIDERATIONS
5.1
Thermal Shutdown
Integrated thermal protection circuitry shuts the
regulator
off
when
die
temperature
exceeds
approximately 160°C. The regulator remains off until
the die temperature drops to approximately 150°C.
5.2
Power Dissipation: SC-70
The TC1017 is available in the SC-70 package. The
thermal resistance for the SC-70 package is
approximately 450°C/W when the copper area used in
the printed circuit board layout is similar to the
JEDEC J51-7 high thermal conductivity standard or
semi-G42-88 standard. For applications with larger or
thicker copper area, the thermal resistance can be
lowered. See AN792, “A Method to Determine How
Much Power a SOT-23 Can Dissipate in an
Application”, DS00792, for a method to determine the
thermal resistance for a particular application.
The TC1017 power dissipation capability is dependant
upon several variables: input voltage, output voltage,
load current, ambient temperature and maximum
junction temperature. The absolute maximum steady-
state junction temperature is rated at +125°C. The
power dissipation within the device is equal to:
EQUATION:
The VIN x IGND term is typically very small when
compared to the (VIN-VOUT) x ILOAD term, simplifying
the power dissipation within the LDO to be:
EQUATION:
To determine the maximum power dissipation
capability, the following equation is used:
EQUATION:
Given the following example:
Find:
1.
Internal power dissipation:
2.
Maximum allowable ambient temperature:
3.
Maximum allowable power dissipation at
desired ambient:
In this example, the TC1017 dissipates approximately
158.5 mW and the junction temperature is raised 71°C
over the ambient. The absolute maximum power
dissipation is 155 mW when given a maximum ambient
temperature of 55°C.
Input voltage, output voltage or load current limits can
also be determined by substituting known values in the
power dissipation equations.
Figure 5-1 and Figure 5-2 depict typical maximum
power dissipation versus ambient temperature and
typical maximum current versus ambient temperature,
with a one volt input voltage to output voltage
differential, respectively.
FIGURE 5-1:
Power Dissipation vs.
Ambient Temperature (SC-70 package).
PD
VIN VOUT
–
() ILOAD VIN IGND
×
+
×
=
PD
VIN VOUT
–
() ILOAD
×
=
PDMAX
TJ_MAX TA_MAX
–
()
R
θ
JA
----------------------------------------------
=
Where:
TJ_MAX = the maximum junction
temperature allowed
TA_MAX = the maximum ambient
temperature
R
θJA
= the thermal resistance from
junction to air
VIN = 3.0V to 4.1V
VOUT = 2.85V ±2.5%
ILOAD = 120 mA (output current)
TA = 55°C (max. desired ambient)
PDMAX
VIN_MAX VOUT_MIN
–
() ILOAD
×
=
4.1V 2.85
0.975
()
×
–
() 120mA
×
=
158.5mW
=
TA_MAX
TJ_MAX P
–
DMAX
R
θJA
×
=
125
°C 158.5mW 450°C/W
×
–
()
=
54
°C
=
125
°C71°C
–
()
=
PD
TJ_MAX TA
–
R
θJA
------------------------------
=
155mW
=
125
°C55°C
–
450
°C/W
-----------------------------------
=
0
50
100
150
200
250
300
350
400
-40
-15
10
35
60
85
110
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com