Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1017-2.85VLT Datasheet(PDF) 19 Page - Microchip Technology

Part # TC1017-2.85VLT
Description  150 mA, Tiny CMOS LDO With Shutdown
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017-2.85VLT Datasheet(HTML) 19 Page - Microchip Technology

Back Button TC1017-2.85VLT Datasheet HTML 14Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 15Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 16Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 17Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 18Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 19Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 20Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 21Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
 2003 Microchip Technology Inc.
DS21813B-page 19
TC1017
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Device:
TC1017: 150 mA Tiny CMOS LDO with Shutdown
Voltage Range:
SC-70 Package
CE = 1.8V
CF = 2.6V
CG = 2.7V
CH = 2.8V
CJ = 2.85V
CK = 2.9V
CL = 3.0V
CM = 3.3V
CP = 4.0V
SOT-23 Package
DA = 1.8V
DB = 2.6V
DC = 2.7V
DD = 2.8V
DE = 2.85V
DF = 2.9V
DG = 3.0V
DH = 3.3V
DJ = 4.0V
Temperature
Range:
V
= -40°C to +125°C
Package:
LTTR = 5-pin SC-70 (Tape and Reel)
CTTR = 5-pin SOT-23 (Tape and Reel)
PART NO.
XX
X
Temperature
Voltage
Range
Device
Range
Examples:
a)
TC1017-1.8VLTTR:
150 mA, Tiny CMOS
LDO with Shutdown,
SC-70 package.
b)
TC1017-2.6VCTTR: 150 mA, Tiny CMOS
LDO with Shutdown,
SOT-23 package.
c)
TC1017-2.7VLTTR:
150 mA, Tiny CMOS
LDO with Shutdown,
SC-70 package.
d)
TC1017-2.8VCTTR: 150 mA, Tiny CMOS
LDO with Shutdown,
SOT-23 package.
e)
TC1017-2.85VLTTR: 150 mA, Tiny CMOS
LDO with Shutdown,
SC-70 package.
f)
TC1017-2.9VCTTR: 150 mA, Tiny CMOS
LDO with Shutdown,
SOT-23 package.
g)
TC1017-3.0VLTTR:
150 mA, Tiny CMOS
LDO with Shutdown,
SC-70 package.
h)
TC1017-3.3VCTTR: 150 mA, Tiny CMOS
LDO with Shutdown,
SOT-23 package.
i)
TC1017-4.0VLTTR:
150 mA, Tiny CMOS
LDO with Shutdown,
SC-70 package.
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com