Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1017-2.85VLT Datasheet(PDF) 15 Page - Microchip Technology

Part # TC1017-2.85VLT
Description  150 mA, Tiny CMOS LDO With Shutdown
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017-2.85VLT Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC1017-2.85VLT Datasheet HTML 11Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 12Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 13Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 14Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 15Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 16Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 17Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 18Page - Microchip Technology TC1017-2.85VLT Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
 2003 Microchip Technology Inc.
DS21813B-page 15
TC1017
6.0
PACKAGE INFORMATION
6.1
Package Marking Information
Part Number
Code
TC1017 - 1.8VLT
CE
TC1017 - 2.6VLT
CF
TC1017 - 2.7VLT
CG
TC1017 - 2.8VLT
CH
TC1017 - 2.85VLT
CJ
TC1017 - 2.9VLT
CK
TC1017 - 3.0VLT
CL
TC1017 - 3.3VLT
CM
TC1017 - 4.0VLT
CP
5-Pin SC-70
TOPSIDE
BOTTOMSIDE
XX
N
YW W
Legend: XX...X
Customer specific information*
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard device marking consists of Microchip part number, year code, week code, and traceability
code.
5-Lead SOT-23
DANN
Part Number
Code
TC1017 - 1.8VCT
DA
TC1017 - 2.6VCT
DB
TC1017 - 2.7VCT
DC
TC1017 - 2.8VCT
DD
TC1017 - 2.85VCT
DE
TC1017 - 2.9VCT
DF
TC1017 - 3.0VCT
DG
TC1017 - 3.3VCT
DH
TC1017 - 4.0VCT
DJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com