| Electronic Components Datasheet Search |
|
TEA2017ABT/1 Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TEA2017ABT/1 Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 66 page ![]() NXP Semiconductors TEA2017ABT Digital configurable LLC and DCM/QR PFC controller 8.3 Modes of operation Figure 10 shows the control curve between the output power and the voltage difference between the high and low capacitor voltage levels. aaa-026793 VSNSCAP control VSNSCAP Vhs(SNSCAP) Pout(max) Pt(lp) Vls(SNSCAP) VSNSCAP burst mode low-power mode high-power mode Figure 10. TEA2017ABT control curve When the output power (Pout) is at its maximum, the low capacitor voltage level (Vls(SNSCAP)) is at its minimum, and the high capacitor voltage (Vhs(SNSCAP)) is at its maximum level. The maximum ΔVSNSCAP (Vhs(SNSCAP) − Vls(SNSCAP)), which is the divided ΔVCr voltage, corresponds to the maximum output power. When the output load decreases, the ΔVSNSCAP voltage decreases. As a result, the output power decreases and the output voltage is regulated. This mode is called high- power mode. Figure 8 shows a timing diagram of the system operating in high-power mode. When the output power drops to below the transition level (Pt(lp)), the system enters the low-power mode. The Pt(lp) level can be initialized via the MTP. To compensate for the non-switching period in low-power mode, also called hold period, ΔVSNSCAP is initially increased at entering the low-power mode (see Section 8.3.2). In low-power mode, the output power is regulated by adapting ΔVSNSCAP, until it reaches a minimum. The system then enters the burst mode (see Section 8.3.3). TEA2017ABT All information provided in this document is subject to legal disclaimers. © 2023 NXP B.V. All rights reserved. Product data sheet Rev. 1.1 — 31 July 2023 13 / 66 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |