Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA2017ABT/1 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TEA2017ABT/1
Description  Digital configurable LLC and DCM/QR PFC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2017ABT/1 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TEA2017ABT/1 Datasheet HTML 17Page - NXP Semiconductors TEA2017ABT/1 Datasheet HTML 18Page - NXP Semiconductors TEA2017ABT/1 Datasheet HTML 19Page - NXP Semiconductors TEA2017ABT/1 Datasheet HTML 20Page - NXP Semiconductors TEA2017ABT/1 Datasheet HTML 21Page - NXP Semiconductors TEA2017ABT/1 Datasheet HTML 22Page - NXP Semiconductors TEA2017ABT/1 Datasheet HTML 23Page - NXP Semiconductors TEA2017ABT/1 Datasheet HTML 24Page - NXP Semiconductors TEA2017ABT/1 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
NXP Semiconductors
TEA2017ABT
Digital configurable LLC and DCM/QR PFC controller
aaa-026794
FEEDBACK CONTROL
A/D
SNSFB
VSNSFB
12 kΩ
VPWRGD+VT
960 mV
P
Figure 19. Optobias regulation
Figure 19 shows that when the optocurrent decreases, the internal voltage across the
12 kΩ resistor drops to below the targeted level of 960 mV (= 80 μA (typical) × 12 kΩ).
The TEA2017ABT then slowly increases an additional offset at the power level (ΔP).
It continues to increase the additional offset until the optocurrent reaches the target of
80 μA (typical). When the optocurrent increases due to a transient, the additional offset
to the power level is decreased. As a result, the output voltage decreases which again
decreases the optocurrent. In this way, the optocurrent is continuously regulated to the
Ireg(SNSFB) level.
The behavior of the internal circuitry connected to the SNSFB pin is the same as
the behavior of the traditional circuitry. The fixed voltage at the SNSFB pin and the
continuous regulation of the optocurrent level does not influence the regulation level.
The advantage, however, is a reduction in no-load input power and an optimization of the
transient response.
When the system operates in low-power mode at the minimum energy per cycle and at
minimum duty cycle, it can no longer reduce the optocurrent level to the Ireg(SNSFB) target
(» 80 μA typical). If the output power decreases further and the optocurrent increases to
above the level of Istart(burst) (» 100 μA typical), the burst mode is triggered. When the
output power drops to below this level again, a new burst cycle is started (see Figure 14
and Figure 15).
8.5 Power factor correction (PFC) regulation
To achieve a high power factor (PF) and low total harmonic distortion (THD), the input
current of the power supply must follow the mains input voltage. However, as the filter
capacitances cause a shift of 90° between the mains input current and its voltage, the
input filter disrupts PF and THD. To improve PF and THD, the average PFC current is in
accordance with a shifted sine wave (see Figure 20).
TEA2017ABT
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 31 July 2023
21 / 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com