Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA2017ABT/1 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # TEA2017ABT/1
Description  Digital configurable LLC and DCM/QR PFC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2017ABT/1 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button TEA2017ABT/1 Datasheet HTML 36Page - NXP Semiconductors TEA2017ABT/1 Datasheet HTML 37Page - NXP Semiconductors TEA2017ABT/1 Datasheet HTML 38Page - NXP Semiconductors TEA2017ABT/1 Datasheet HTML 39Page - NXP Semiconductors TEA2017ABT/1 Datasheet HTML 40Page - NXP Semiconductors TEA2017ABT/1 Datasheet HTML 41Page - NXP Semiconductors TEA2017ABT/1 Datasheet HTML 42Page - NXP Semiconductors TEA2017ABT/1 Datasheet HTML 43Page - NXP Semiconductors TEA2017ABT/1 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
NXP Semiconductors
TEA2017ABT
Digital configurable LLC and DCM/QR PFC controller
The PFC burst mode can also be synchronized to the LLC burst mode. It then follows
the on and off periods of the LLC. However, it ensures that the SNSBOOST reaches its
regulation level.
8.8.2.8 Burst mode: Soft-start/soft-stop time
To minimize audible noise of the PFC, a burst mode soft start and soft stop can be
independently selected. The selectable values are: normal, short, and long. The
additional soft-start and soft-stop can also be disabled.
8.8.3 LLC settings
8.8.3.1 LLC disable
Especially for validation purposes, an option is available to disable the LLC. When the
LLC is disabled, a restart is required.
8.8.3.2 Start-up
Maximum (start-up) frequency
The maximum switching frequency of the LLC is limited to a value, which is defined using
a parameter. This value also defines the maximum switching frequency during start-up.
The maximum frequency can be set to different values ranging from 150 kHz to 800 kHz.
LLC soft-start time
The LLC soft-start time defines the rate at which the converter lowers its switching
frequency. This rate can be selected between 2 and 20 which leads to a start-up time
of approximately between 1 ms and 10 ms. However, it depends on the LLC design. A
higher speed lowers the start-up time. However, it can cause a high charge current and
an overshoot at the output voltage.
Maximum primary current during start-up
At start-up, the LLC starts switching at the maximum frequency and ramps down the
frequency until the ΔVSNSCAP reaches the required level. If during this start-up time
the primary current, which reflects the output current, reaches a predefined level, the
frequency is temporarily not further reduced until the primary current drops to below the
level again. This level is measured via the SNSCURLLC pin. The following values can be
selected: 0.5 V, 0.75 V, 1.0 V, or 1.25 V.
8.8.3.3 LLC switching
ΔVSNSCAP dump level
When the system is in low-power mode, a switching period is followed by a waiting
period. The system ensures that it continues at the same stage as where it stopped. To
reach the maximum efficiency, the end of the last switching cycle can be fine-tuned. For
the ΔVSNSCAP dump level, values between 2.525 V and 2.7 V can be selected in steps of
25 mV.
Minimum non-overlap time
To ensure that the GATEHS is properly turned off before the GATELS is turned on, and
vice versa, there is a minimum non-overlap time. For the minimum non-overlap time, the
following values can be selected: 100 ns, 230 ns, 350 ns, 500 ns.
TEA2017ABT
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 31 July 2023
40 / 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com