| Electronic Components Datasheet Search |
|
MCP1321 Datasheet(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP1321 Datasheet(HTML) 23 Page - Microchip Technology |
|
23 / 44 page ![]() © 2005 Microchip Technology Inc. DS21985A-page 23 MCP131X/2X 4.0 OPERATIONAL DESCRIPTION For many of today’s microcontroller applications, care must be taken to prevent low-power conditions that can cause many different system problems. The most common causes are brown-out conditions, where the system supply drops below the operating level momen- tarily. The second most common cause is when a slowly decaying power supply causes the microcontroller to begin executing instructions without sufficient voltage to sustain volatile memory (RAM), thus producing indeterminate results. Figure 4-1 shows a typical application circuit. The MCP131X/2X family is voltage supervisor devices designed to keep a microcontroller in Reset until the system voltage has reached and stabilized at the proper level for reliable system operation. These devices also operate as protection from brown-out conditions when the system supply voltage drops below a safe operating level. Some MCP131X/2X family members include a Watch- dog Timer feature that after being enabled (by a falling edge on the WDI pin), monitors the WDI pin for falling edges. If an edge transition is not detected within the expected timeframe, the MCP131X/2X devices will force the Reset pin active. This is useful to ensure that the embedded system’s Host Controller program is operating as expected. Some MCP131X/2X family members include a Manual Reset feature that allows a push button switch to be directly connected to the MCP131X/2X devices (on the MR pin). This allows the system to easily be reset from the external control of the push button switch. A superset block diagram is shown in Figure 4-2, with device specific block diagrams shown in Figure 4-3 through Figure 4-12. FIGURE 4-1: Typical Application Circuit. FIGURE 4-2: Family Block Diagram VDD VDD MCLR (Reset input) (active-low) VSS PICmicro® Microcontroller RPU(1) Note 1: Resistor RPU may be required with the MCP1320, MCP1321 or MCP1322 due to the open-drain output. Resistor RPU may not be required with the MCP1316M, MCP1318M or MCP1319M due to the internal pull-up resistor. The MCP1316, MCP1317, MCP1318 and MCP1319 do not require the external pull-up resistor. 2: Not all devices offer the active-high Reset output pin. 0.1 μF MCP13XX VDD RST VSS RST (2) WDI I/O To system device that requires active- high resets Push button switch MR VDD Comparator + – Output Driver RST Reference VSS RST Noise Filter Watchdog MR WDI Note: Features available depend on the device. Voltage |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |