Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1321 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP1321
Description  Voltage Supervisor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1321 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP1321 Datasheet HTML 26Page - Microchip Technology MCP1321 Datasheet HTML 27Page - Microchip Technology MCP1321 Datasheet HTML 28Page - Microchip Technology MCP1321 Datasheet HTML 29Page - Microchip Technology MCP1321 Datasheet HTML 30Page - Microchip Technology MCP1321 Datasheet HTML 31Page - Microchip Technology MCP1321 Datasheet HTML 32Page - Microchip Technology MCP1321 Datasheet HTML 33Page - Microchip Technology MCP1321 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
MCP131X/2X
DS21985A-page 30
© 2005 Microchip Technology Inc.
4.5
Watchdog Timer
The purpose of the Watchdog Timer (WDT) is to
increase system reliability. The Watchdog Timer fea-
ture can be used to detect when the Host Controller’s
program flow is not as expected. Since the Watchdog
Timer monitors for activity on the Watchdog Input pin
(WDI). The WDI pin is expected to be strobed within a
given time frame. When this time frame is exceeded,
without an edge transition on the WDI pin, the Reset
pin is driven active to reset the system. This stops the
Host Controller from continuing it’s erratic behavior
(“run-away” code execution).
The Watchdog Timer is external to the main portion of
the control system and monitors the operation of the
system. This feature is enabled by a falling edge on the
WDI pin (after device POR). Monitoring is then done by
requiring the embedded controller to force an edge
transition (falling or rising) on the WDI pin (“pet the
Watchdog”) within a predetermined time frame (TWD).
If the MCP131X/2X does not detect an edge on the
WDI pin within the expected time frame, the
MCP131X/2X device will force the Reset pin active.
The Watchdog Timer is in the disabled state when:
• The Device Powers up
• A POR event occurred
• A WDT event occurred
• A Manual Reset (MR) event occurred
When the Watchdog Timer is in the disabled state, the
WDI pin has an internal smart pull-up resistor enabled.
This pull-up resistor has a typical value of 52 k
Ω. This
pull-up resistor holds the WDI signal in the high state,
until it is forced to another state.
After the embedded controller has initialized, if the
Watchdog Timer feature is to be used, then the embed-
ded controller can force the WDI pin low (VIL). This also
enables the Watchdog Timer feature and disables the
WDI pull-up resistor. Disabling the pull-up resistor
reduces the device’s current consumption. The pull-up
resistor will remain disconnected until the device has a
power-on, a Reset event occurs, or after the WDT time
out.
Once the Watchdog Timer has been enabled, the Host
Contoller must force an edge transition (falling or rising)
on the WDI pin before the minimum Watchdog Timer
time out to ensure that the Watchdog Timer does not
force the Reset pins (RST/RST) to the active state.
If an edge transition does not occur before the maxi-
mum time out occurs, then the MCP131X/2X will force
the Reset pins to their active state.
The MCP131X/2X supports four time outs. The stan-
dard offering devices have a typical Watchdog Timer
period (TWDT) of 1.6 s. Table 4-3 shows the available
Watchdog Timer periods. The tWDT time out is a
function of the device voltage and temperature.
Figure 4-19 shows a block diagram for using the
MCP131X/2X with a PICmicro® microcontroller (MCU)
and the Watchdog input.
TABLE 4-3:
WATCHDOG TIMER
PERIODS (1)
FIGURE 4-19:
Watchdog Timer.
The software routine that strobes WDI is critical. The
code must be in a section of software that is executed
frequently enough so the time between edge transi-
tions is less than the Watchdog time out period. One
common technique controls the Host Controllers I/O
line from two sections of the program. The software
might set the I/O line high while operating in the Fore-
ground mode and set it low while in the Background or
Interrupt modes. If both modes do not execute cor-
rectly, the Watchdog Timer issues reset pulses.
tWDT
Units
Min
Typ
Max
4.3
6.3
9.3
ms
71
102
153
ms
1.12
1.6
2.4
sec
17.9
25.6
38.4
sec
↑↑
If the time between
WDI edges is less
than this, it
ensures that the
MCP131X/2X
never forces a
reset
If the time
between WDI
edges is greater
than this, it
ensures that the
MCP131X/2X
always forces a
reset
Note 1: Shaded rows are custom ordered Watch-
dog Timer Periods (tWDT) time outs. For
information on ordering devices with
these tWDT time outs, please contact your
local Microchip sales office. Minimum
purchase volumes are required.
VCC
GND
RST
WDI
MCLR
+5V
MCP13XX
0.1
10 k
Ω
I/O
PICmicro®
3-Terminal
Regulator
+5V
μF
MCU
(example:
MCP1700)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com