Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1321 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP1321
Description  Voltage Supervisor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1321 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP1321 Datasheet HTML 11Page - Microchip Technology MCP1321 Datasheet HTML 12Page - Microchip Technology MCP1321 Datasheet HTML 13Page - Microchip Technology MCP1321 Datasheet HTML 14Page - Microchip Technology MCP1321 Datasheet HTML 15Page - Microchip Technology MCP1321 Datasheet HTML 16Page - Microchip Technology MCP1321 Datasheet HTML 17Page - Microchip Technology MCP1321 Datasheet HTML 18Page - Microchip Technology MCP1321 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
© 2005 Microchip Technology Inc.
DS21985A-page 15
MCP131X/2X
Note: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 kΩ (only MCP1316;
see Figure 4-1), TA = -40°C to +125°C.
FIGURE 2-22:
VOL vs. Temperature
(MCP1318M-4.6 @ VDD = 4.5V).
FIGURE 2-23:
VOL vs. Temperature
(MCP1319-2.9 @ VDD = 2.7V).
FIGURE 2-24:
VOL vs. Temperature
(MCP1316-2-0 @ VDD = 1.8V).
FIGURE 2-25:
VOH vs. IOH
(MCP1318M-4.6 @ 25C).
FIGURE 2-26:
VOH vs. IOH
(MCP1319-2.9 @ 25C).
FIGURE 2-27:
VOH vs. IOH
(MCP1316-2.0 @ 25C).
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
-50
0
50
100
150
Temperature (°C)
0 mA
0.05 mA
0.1 mA
0.15 mA
0.2 mA
0
0.05
0.1
0.15
0.2
0.25
-50
0
50
100
150
Temperature (°C)
0 mA
0.05 mA
0.1 mA
0.15 mA
0.2 mA
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
-50
0
50
100
150
Temperature (°C)
0 mA
0.05 mA
0.1 mA
0.15 mA
0.2 mA
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0.00
1.00
2.00
3.00
4.00
5.00
6.00
IOH (mA)
1.5V
3V
4.5V
4.3V
2V
0
1
2
3
4
5
6
0.00
1.00
2.00
3.00
4.00
5.00
6.00
IOH (mA)
1.5V
3.2V
2.7V
2.5V
5.5V
5V
4.5V
4V
0
1
2
3
4
5
6
0.00
1.00
2.00
3.00
4.00
5.00
6.00
IOH (mA)
5.5V
5V
4.5V
4V
2.5V
2.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com