Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GDPCOXTX Datasheet(PDF) 2 Page - Greystone Energy Systems Inc.

Part # GDPCOXTX
Description  CARBON MONOXIDE/NITROGEN DIOXIDE DETECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

GDPCOXTX Datasheet(HTML) 2 Page - Greystone Energy Systems Inc.

  GDPCOXTX Datasheet HTML 1Page - Greystone Energy Systems Inc. GDPCOXTX Datasheet HTML 2Page - Greystone Energy Systems Inc. GDPCOXTX Datasheet HTML 3Page - Greystone Energy Systems Inc. GDPCOXTX Datasheet HTML 4Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GREYSTONE IS AN ISO 9001 REGISTERED QUALITY SYSTEM
WIRING INFORMATION
TERMINAL
FUNCTION
PWR
+24 Vdc/ac
COM
Common
TEST
Digital Input
B+
BACnet® or Modbus
A-
BACnet® or Modbus
SHIELD
BACnet® or Modbus
CO
Analog Output
TEMP
Analog Output
NO
2
Analog Output
RP
Remote NO2 Sensor
RC
Remote NO2 Sensor
CSLP
Remote NO2 Sensor
SCLM
Remote NO2 Sensor
SDAP
Remote NO2 Sensor
SDAM
Remote NO2 Sensor
RT+
Resistive Output
RT-
Resistive Output
NC1
Relay Output
COM1
Relay Output
NO1
Relay Output
NC2
Relay Output
COM1
Relay Output
NO2
Relay Output
PWR +24 Vdc/ac
COM Common
TEST Digital Input
B+ BACnet® or Modbus
A- BACnet® or Modbus
Only on models with BACnet/Modbus Output
SHIELD BACnet® or Modbus
CO Analog Output
TEMP Analog Output
Only on models with Analog Output or if feature ordered
NO2 Analog Output
RP Remote NO2 Sensor
RC Remote NO2 Sensor
CSLP Remote NO2 Sensor
SCLM Remote NO2 Senso
Only on models with Remote NO2 Sensor
SDAP Remote NO2 Sensor
SDAM Remote NO2 Sensor
RT+ Resistive Output
Only on models with Resistive Temperature Sensor option
RT- Resistive Output
NC1 Relay Output
COM1 Relay Output
Only on models with 1 or 2 Adjustable Relays option
NO1 Relay Output
NC2 Relay Output
COM2 Relay Output
Only on models with 2 Adjustable Relays option
NO2 Relay Output
PRODUCT
GDT
Carbon Monoxide/Nitrogen Dioxide Gas Detector
SENSORS
COX
NO2
CNC
CNR
Carbon Monoxide
Nitrogen Dioxide
Carbon Monoxide/Nitrogen Dioxide - Combination
Carbon Monoxide/Nitrogen Dioxide - Remote
MOUNTING
SM
Surface Mount - IP65
DISPLAY
C
V
Concealed LCD
Viewable LCD
OUTPUT
I
V
B
M
4-20 mA
0-5 Vdc/0-10Vdc
BACnet®
Modbus
RELAY
XX
R1
R2
None
1 Adjustable Relay Output
2 Adjustable Relay Outputs
ALARM
X
A
None
Audible (Buzzer) & Visual Alarm (Strobe)
TEMPERATURE SENSOR
NOTE: ANALOG, THERMISTOR AND RTD TEMPERATURE
OUTPUTS ARE NOT AVAILABLE ON MODELS WITH
BACnet® OR MODBUS OUTPUTS.
XX
TX
02
05
06
07
08
12
13
14
20
24
59
None
Analog, BACnet® or Modbus
100 Ω Platinum
1801 Ω NTC Thermistor
3000 Ω NTC Thermistor
10,000 Ω Type 3, NTC Thermistor
2.252K Ω NTC Thermistor
1000 Ω Platinum
1000 Ω Nickel
10,000 Ω Type 3 Thermistor with 11,000 shunt resistor
20,000 Ω NTC Thermistor
10,000 Ω Type 2, NTC Thermistor
10,000 Ω, 25°C, ±1%, B = 3435 ±1% (25/85)
ORDERING
GDT
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
-
+
STATUS STROBE ALARM
UP
TEST
RL1
RL2
DOWN
MENU
}
}
}
}
}
}
Only on models
with BACnet®/
Modbus Output
Only on models
with Analog Output or
if feature ordered
Only on models
with Remote NO
2 Sensor
Only on models with
Resistive Temperature
Sensor option
Only on models with 1 or 2
Adjustable Relays option
Only on models with 2
Adjustable Relays option



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com