Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GDPCOXTX Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # GDPCOXTX
Description  CARBON MONOXIDE/NITROGEN DIOXIDE DETECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

GDPCOXTX Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  GDPCOXTX Datasheet HTML 1Page - Greystone Energy Systems Inc. GDPCOXTX Datasheet HTML 2Page - Greystone Energy Systems Inc. GDPCOXTX Datasheet HTML 3Page - Greystone Energy Systems Inc. GDPCOXTX Datasheet HTML 4Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
CARBON MONOXIDE/NITROGEN DIOXIDE DETECTOR
GDT SERIES
PRODUCT DESCRIPTION
The GDT Series of gas monitoring sensors
monitor levels of carbon monoxide (CO) and/
or nitrogen dioxide (NO
2) to provide an early
warning of elevated concentrations.
The GDT is available as a standalone CO or NO
2,
as well as a CO/NO
2 dual sensor device. The dual
sensor device is available in 2 configurations: CO/
NO
2 housed one enclosure or as CO with remote
NO
2 sensor for mounting at a higher location.
The GDT gas sensors are encapsulated in field
replaceable sensors pods that are located on
the bottom of the enclosure. The pod design
provides a greater area of gas sampling then
that of devices that utilize a single vent hole.
Replacement pods come pre-calibrated and
ready for installation.
The GDT is available with either Analog, BACnet
or Modbus outputs for communication with a
building automation system. Standard features
include LCD display for configuration and local
display as well as status LED’s. Optional features
include: 1 or 2 adjustable control/alarm relays,
adjustable audible (buzzer) & visual (strobe)
alarms as well as various temperature sensor.
The GDT is housed in an IP65 polycarbonate
enclosure with a hinged and gasketed cover that
provides ease of installation and access for set up
and configuration.
GAS TYPE DETECTED
Carbon Monoxide (CO) and/or Nitrogen Dioxide (NO
2)
SENSOR TYPE
Electrochemical, diffusion sampling
SENSOR APPROVALS
CO Sensor is a UL approved component for UL 2075/with UL 2034, File No. E240671
SENSOR ACCURACY
Carbon Monoxide: ±5 ppm or ±5% of reading
Nitrogen Dioxide: ±0.2 ppm or ±5% of reading
MEASUREMENT RANGE
Carbon Monoxide: 0-500 ppm, adjustable 100-500 ppm
Nitrogen Dioxide: 0-10 ppm
RESPONSE TIME
< 30 seconds typical
WARM-UP TIME
1 minute
SENSOR COVERAGE AREA
700m2 (7500ft2) or 15m (50ft) radius
SENSOR LIFE SPAN
Carbon Monoxide: 5-7 years in air
Nitrogen Dioxide: 2 years
SENSOR REPRODUCIBILITY (SAME DAY)
±2%
LONG TERM DRIFT
Carbon Monoxide: <5% per year
Nitrogen Dioxide: Zero - <±2 ppm/year
Span - <2% signal/month
POWER SUPPLY
24 Vdc ±20% or 24 Vac ±10% (non-isolated half-wave rectified)
PROTECTION CIRCUITRY
Reverse voltage and transient protected
OUTPUT SIGNAL TYPE
4-20 mA (3-wire), 0-5 Vdc/0-10 Vdc, BACnet® or Modbus
NETWORK INTERFACE
Hardware: 2 wire RS-485
Software: Native BACnet® MS/TP or Modbus RTU
Baud Rate: Locally set 9600, 19200, 38400, 57600, 76800, or 115200
MAC Address Range: 0-255 (Factory default is 1) (128 devices max on one daisy chain)
CURRENT CONSUMPTION
425 mA @ 24 Vac max, 220 mA @ 24 Vdc max (test mode)
OUTPUT DRIVE @ 24 VDC
Current: 550Ω maximum
Voltage: 10,000Ω minimum
AMBIENT OPERATING RANGE
-20 to 50°C (-4 to 122°F), 15 to 90 %RH non-condensing
STORAGE TEMPERATURE
-30 to 60°C (-22 to 140°F)
LCD
Viewable or concealed (with cover closed)
Units: ppm for CO/NO
2, °C/°F for optional temperature
Size: 35mm W x 15mm H (1.4” x 0.6”), alpha-numeric 2-line x 8 characters
Backlight: Enable or disable via menu
USER INTERFACE
Silence/Test button, Bi-color status LED, Red LED alarm indicator,
White high intensity LED strobe (optional)
OPTIONAL TEMPERATURE SIGNAL
Type: Thermistor or RTD
Accuracy: Thermistors - ±0.2˚C (±0.36˚F) @ 25˚C (77˚F)
Platinum RTD’s - ±0.3˚C (±0.54˚F) @ 0˚C (32˚F)
Nickel RTD’s - ±0.4˚C (±0.72˚F) @ 0˚C (32˚F)
Output: 2-wire resistive
Type: Analog, BACnet® or Modbus
Sensor Accuracy: ±0.2°C (±0.36˚F)
Range: -20 to 50°C (-4 to 122°F) or 0 to 50°C (32 to 122°F) (field selectable)
Output: Analog - 0-5/0-10 Vdc or 4-20mA (As per output selected)
BACnet®/Modbus - Network Variable
OPTIONAL RELAY OUTPUTS
Contact Ratings: Form C (NO + NC), 5 Amps @ 140 Vac, 5A @ 30 Vdc
Relay Setpoint + Hysteresis: Programmable via menu
Relay Time Delay: Programmable via menu
OPTIONAL ALARM
Audible: Buzzer, 93dB @ 30 cm
Visual: High intensity white LED strobe
MAIN ENCLOSURE
Material/Rating: Grey Polycarbonate, UL94 V0, IP65 (NEMA 4X) with Security Screw installed
Dimensions Incl. Sensor Pod: 202.3mm H x 184mm W x 54.3mm D (8” x 7.24” x 2.15”)
Weight Incl. Sensor Pod: 515 grams (1.14 lbs)
REMOTE NO
2 ENCLOSURE
Material/Rating: Grey Polycarbonate, UL94 V0, IP65 (NEMA 4X)
Dimensions Incl. Sensor Pod: 109.5mm H x 83.3mm W x 52mm D (4.31” x 3.28” x 2.05”)
Weight Incl. Sensor Pod: 109 grams (0.24 lbs)
WIRING CONNECTIONS
Screw terminal block (14 to 22 AWG), Top or bottom conduit entry 22.73mm (0.875”) hole
APPROVALS
CE
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
54.47 mm
2.15"
160.00 mm
6.29"
170 mm
6.69"
32.23 mm
1.27"
82.5 mm
3.25"
69.8 mm
2.75"
52.0 mm
2.05"
76.2 mm
3.00"
183.94 mm
7.24"


Similar Part No. - GDPCOXTX

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
GDP-520-5 ROITHNER-GDP-520-5 Datasheet
426Kb / 2P
green direct emitting diode laser pointer
logo
Turck, Inc.
GDP-IS/FW2.3 TURCK-GDP-IS/FW2.3 Datasheet
380Kb / 2P
excom I/O System PROFIBUS-DP Interface
2023-07-21
GDP-NI/FW2.3 TURCK-GDP-NI/FW2.3 Datasheet
371Kb / 3P
excom I/O System PROFIBUS-DP Interface
2023-07-21
logo
List of Unclassifed Man...
GDP02 ETC2-GDP02 Datasheet
74Kb / 3P
Dip Switches ?쏣nd to End Stackable Through Hole and Surface Mount
logo
Tyco Electronics
GDP0204 MACOM-GDP0204 Datasheet
2Mb / 30P
Switches Core Program
More results

Similar Description - GDPCOXTX

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
CO1224 SYSTEMSENSOR-CO1224 Datasheet
176Kb / 2P
Carbon Monoxide Detector
logo
Microchip Technology
RE46C800 MICROCHIP-RE46C800 Datasheet
562Kb / 24P
Carbon Monoxide Detector Companion IC
11/29/12 2013
logo
Greystone Energy System...
PS-CMD5B1 GREYSTONE-PS-CMD5B1 Datasheet
179Kb / 1P
WALL CARBON MONOXIDE DETECTOR
PS-CMD5B5 GREYSTONE-PS-CMD5B5 Datasheet
172Kb / 2P
DUCT CARBON MONOXIDE DETECTOR
PS-GDT GREYSTONE-PS-GDT Datasheet
892Kb / 4P
CARBON MONOXIDE/NITROGEN DIOXIDE DETECTOR
NDD5B1100 GREYSTONE-NDD5B1100 Datasheet
189Kb / 1P
NITROGEN DIOXIDE DETECTOR
CD2RMC GREYSTONE-CD2RMC Datasheet
268Kb / 2P
ROOM CARBON DIOXIDE DETECTOR
CDD5X1 GREYSTONE-CDD5X1 Datasheet
402Kb / 2P
ROOM CARBON DIOXIDE DETECTOR
CMD5B1 GREYSTONE-CMD5B1 Datasheet
179Kb / 1P
WALL CARBON MONOXIDE DETECTOR
CMD5B5 GREYSTONE-CMD5B5 Datasheet
172Kb / 2P
DUCT CARBON MONOXIDE DETECTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com