Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GDPCOXTX Datasheet(PDF) 3 Page - Greystone Energy Systems Inc.

Part # GDPCOXTX
Description  CARBON MONOXIDE/NITROGEN DIOXIDE DETECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

GDPCOXTX Datasheet(HTML) 3 Page - Greystone Energy Systems Inc.

  GDPCOXTX Datasheet HTML 1Page - Greystone Energy Systems Inc. GDPCOXTX Datasheet HTML 2Page - Greystone Energy Systems Inc. GDPCOXTX Datasheet HTML 3Page - Greystone Energy Systems Inc. GDPCOXTX Datasheet HTML 4Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GREYSTONE IS AN ISO 9001 REGISTERED QUALITY SYSTEM
SENSOR PODS
GDP SERIES
SENSOR POD ID NUMBER
DESCRIPTION
ORDERING PART NUMBER
6869
Gas Detector Replacement Pod, Carbon Monoxide
GDPCOXXX
6870
Gas Detector Replacement Pod, Nitrogen Dioxide
GDPNO2XX
2228
Gas Detector Replacement Pod, Carbon Monoxide, 100 Ω Platinum
GDPCOX02
2229
Gas Detector Replacement Pod, Carbon Monoxide, 1801 Ω NTC Thermistor
GDPCOX05
2230
Gas Detector Replacement Pod, Carbon Monoxide, 3000 Ω NTC Thermistor
GDPCOX06
2231
Gas Detector Replacement Pod, Carbon Monoxide, 10,000 Ω Type 3, NTC Thermistor
GDPCOX07
2232
Gas Detector Replacement Pod, Carbon Monoxide, 2.252K Ω NTC Thermistor
GDPCOX08
2233
Gas Detector Replacement Pod, Carbon Monoxide, 1000 Ω Platinum
GDPCOX12
2234
Gas Detector Replacement Pod, Carbon Monoxide, 1000 Ω Nickel
GDPCOX13
2235
Gas Detector Replacement Pod, Carbon Monoxide, 10,000 Ω Type 3 Thermistor with 11,000 shunt resistor
GDPCOX14
2236
Gas Detector Replacement Pod, Carbon Monoxide, 20,000 Ω NTC Thermistor
GDPCOX20
2237
Gas Detector Replacement Pod, Carbon Monoxide, 10,000 Ω Type 2, NTC Thermistor
GDPCOX24
2238
Gas Detector Replacement Pod, Carbon Monoxide, 10,000 Ω, 25°C, ±1%, B = 3435 ±1% (25/85)
GDPCOX59
2239
Gas Detector Replacement Pod, Carbon Monoxide, Analog, BACnet/Modbus Temperature Option
GDPCOXTX
6871
Gas Detector Replacement Pod, Nitrogen Dioxide, 100 Ω Platinum
GDPNO202
6872
Gas Detector Replacement Pod, Nitrogen Dioxide, 1801 Ω NTC Thermistor
GDPNO205
6875
Gas Detector Replacement Pod, Nitrogen Dioxide, 3000 Ω NTC Thermistor
GDPNO206
6876
Gas Detector Replacement Pod, Nitrogen Dioxide, 10,000 Ω Type 3, NTC Thermistor
GDPNO207
6884
Gas Detector Replacement Pod, Nitrogen Dioxide, 2.252K Ω NTC Thermistor
GDPNO208
6891
Gas Detector Replacement Pod, Nitrogen Dioxide, 1000 Ω Platinum
GDPNO212
6895
Gas Detector Replacement Pod, Nitrogen Dioxide, 1000 Ω Nickel
GDPNO213
6896
Gas Detector Replacement Pod, Nitrogen Dioxide, 10,000 Ω Type 3 Thermistor with 11,000 shunt resistor
GDPNO214
6897
Gas Detector Replacement Pod, Nitrogen Dioxide, 20,000 Ω NTC Thermistor
GDPNO220
6898
Gas Detector Replacement Pod, Nitrogen Dioxide, 10,000 Ω Type 2, NTC Thermistor
GDPNO224
6899
Gas Detector Replacement Pod, Nitrogen Dioxide, 10,000 Ω, 25°C, ±1%, B = 3435 ±1% (25/85)
GDPNO259
6900
Gas Detector Replacement Pod, Nitrogen Dioxide, Analog, BACnet/Modbus Temperature Option
GDPNO2TX
ORDERING - SENSOR POD REPLACEMENT
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
Pod ID Number
32.23 mm
1.27"



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com