Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC3221GV Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC3221GV
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3221GV Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC3221GV Datasheet HTML 1Page - Renesas Technology Corp UPC3221GV Datasheet HTML 2Page - Renesas Technology Corp UPC3221GV Datasheet HTML 3Page - Renesas Technology Corp UPC3221GV Datasheet HTML 4Page - Renesas Technology Corp UPC3221GV Datasheet HTML 5Page - Renesas Technology Corp UPC3221GV Datasheet HTML 6Page - Renesas Technology Corp UPC3221GV Datasheet HTML 7Page - Renesas Technology Corp UPC3221GV Datasheet HTML 8Page - Renesas Technology Corp UPC3221GV Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DESCRIPTION
The
µPC3221GV is a silicon monolithic IC designed for use as AGC amplifier for digital CATV, cable modem
systems. This IC consists of gain control amplifier and video amplifier.
The package is 8-pin SSOP suitable for surface mount.
This IC is manufactured using our 10 GHz fT NESAT II AL silicon bipolar process. This process uses silicon nitride
passivation film. This material can protect chip surface from external pollution and prevent corrosion/migration. Thus,
this IC has excellent performance, uniformity and reliability.
FEATURES
• Low distortion
: IM3 = 56 dBc TYP. @ single-ended output, Vout = 0.7 Vp-p/tone
• Low noise figure
: NF = 4.2 dB TYP.
• Wide AGC dynamic range
: GCR = 50 dB TYP. @ input prescribe
• On-chip video amplifier
: Vout = 1.0 Vp-p TYP. @ single-ended output
• Supply voltage
: VCC = 5.0 V TYP.
• Packaged in 8-pin SSOP suitable for surface mounting
APPLICATION
• Digital CATV/Cable modem receivers
ORDERING INFORMATION
Part Number
Package
Supplying Form
µPC3221GV-E1
8-pin plastic SSOP (4.45 mm (175))
• Embossed tape 8 mm wide
• Pin 1 indicates pull-out direction of tape
• Qty 1 kpcs/reel
Remark To order evaluation samples, contact your nearby sales office.
Part number for sample order:
µPC3221GV
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
GENERAL PURPOSE 5 V 100 MHz AGC AMPLIFIER
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC3221GV
Document No. PU10171EJ03V0DS (3rd edition)
Date Published July 2004 CP(K)
Printed in Japan
The mark
shows major revised points.
 NEC Compound Semiconductor Devices, Ltd. 2002, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com