Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC3221GV Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC3221GV
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3221GV Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPC3221GV Datasheet HTML 3Page - Renesas Technology Corp UPC3221GV Datasheet HTML 4Page - Renesas Technology Corp UPC3221GV Datasheet HTML 5Page - Renesas Technology Corp UPC3221GV Datasheet HTML 6Page - Renesas Technology Corp UPC3221GV Datasheet HTML 7Page - Renesas Technology Corp UPC3221GV Datasheet HTML 8Page - Renesas Technology Corp UPC3221GV Datasheet HTML 9Page - Renesas Technology Corp UPC3221GV Datasheet HTML 10Page - Renesas Technology Corp UPC3221GV Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ELECTRICAL CHARACTERISTICS
(TA = +25
°C, VCC = 5 V, f = 45 MHz, ZS = 50 Ω, ZL = 250 Ω, single-ended output)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
Circuit Current
ICC
No input signal
Note 1
26
33
41
mA
AGC Pin Current
IAGC
No input signal, VAGC = 3.5 V
Note 1
−
16
50
µA
AGC Voltage High Level
VAGC (H)
@ Maximum gain
Note 1
3.0
−
3.5
V
AGC Voltage Low Level
VAGC (L)
@ Minimum gain
Note 1
0
−
0.5
V
RF Characteristics
Maximum Voltage Gain
GMAX
VAGC = 3.0 V, Pin =
−60 dBm
Note 1
57
60
63
dB
Middle Voltage Gain 1
GMID1
VAGC = 2.2 V, Pin =
−60 dBm
Note 1
47.5
50.5
53.5
dB
Middle Voltage Gain 2
GMID2
VAGC = 1.2 V, Pin =
−30 dBm
Note 1
18
21
24
dB
Minimum Voltage Gain
GMIN
VAGC = 0.5 V, Pin =
−30 dBm
Note 1
6
10
14
dB
Gain Control Range (input prescribe)
GCRin
VAGC = 0.5 to 3.0 V
Note 1
43
50
−
dB
Gain Control Range (output prescribe)
GCRout
Vout = 1.0 Vp-p
Note 1
36
40
−
dB
Gain Slope
Gslope
Gain (@ VAGC = 2.2 V)
− Gain (@ VAGC
= 1.2 V)
Note 1
26.5
29.5
32.5
dB/V
Maximum Output Voltage
Voclip
VAGC = 3.0 V (@ Maximum gain)
Note 1
2.0
2.8
−
Vp-p
Noise Figure
NF
VAGC = 3.0 V (@ Maximum gain)
Note 3
−
4.2
5.7
dB
3rd Order Intermodulation Distortion 1
IM31
f1 = 44 MHz, f2 = 45 MHz, ZL = 250
Ω,
Pin =
−30 dBm/tone,
Vout = 0.7 Vp-p/tone (@ single-ended
output)
Note 1
43
47
−
dBc
3rd Order Intermodulation Distortion 2
IM32
f1 = 44 MHz, f2 = 45 MHz, ZL = 250
Ω,
VAGC = 3.0 V (@ Maximum gain),
Vout = 0.7 Vp-p/tone (@ single-ended
output)
Note 1
50
56
−
dBc
Gain Difference of
OUTPUT1 and OUTPUT2
∆G
VAGC = 3.0 V, Pin =
−60 dBm,
∆G = G (@ Pout1) − G (@ Pout2)
Note 1, 2
−0.5
0
+0.5
dB
Notes 1. By measurement circuit 1
2. By measurement circuit 2
3. By measurement circuit 3
Data Sheet PU10171EJ03V0DS
5
µPC3221GV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com