Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC3221GV Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPC3221GV
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3221GV Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPC3221GV Datasheet HTML 1Page - Renesas Technology Corp UPC3221GV Datasheet HTML 2Page - Renesas Technology Corp UPC3221GV Datasheet HTML 3Page - Renesas Technology Corp UPC3221GV Datasheet HTML 4Page - Renesas Technology Corp UPC3221GV Datasheet HTML 5Page - Renesas Technology Corp UPC3221GV Datasheet HTML 6Page - Renesas Technology Corp UPC3221GV Datasheet HTML 7Page - Renesas Technology Corp UPC3221GV Datasheet HTML 8Page - Renesas Technology Corp UPC3221GV Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
PIN EXPLANATIONS
Pin
No.
Pin Name
Applied
Voltage
(V)
Pin
Voltage
(V)
Note
Function and Application
Internal Equivalent Circuit
1
VCC
4.5 to 5.5
−
Power supply pin.
This pin should be externally equipped
with bypass capacitor to minimize
ground impedance.

2
INPUT1
−
1.29
Signal input pins to AGC amplifier.
This pin should be coupled with
capacitor for DC cut.
3
INPUT2
−
1.29
AGC
Control
1
2
3
5
4
VAGC
0 to VCC
−
Gain control pin.
This pin’s bias govern the AGC output
level.
Minimum Gain at VAGC : 0 to 0.5 V
Maximum Gain at VAGC : 3 to 3.5 V
Recommended to use AGC voltage with
externally resister (example: 1 k
Ω).
AGC
Amp.
1
4
5
5
GND2
0
−
Ground pin.
This pin should be connected to system
ground with minimum inductance.
Ground pattern on the board should be
formed as wide as possible.

6
OUTPUT2
−
2.28
Signal output pins of video amplifier.
This pin should be coupled with
capacitor for DC cut.
7
OUTPUT1
−
2.28
1
7
6
8
8
GND1
0
−
Ground pin.
This pin should be connected to system
ground with minimum inductance.
Ground pattern on the board should be
formed as wide as possible.
All ground pins must be connected
together with wide ground pattern to
decrease impedance difference.

Note Pin voltage is measured at VCC = 5.0 V.
Data Sheet PU10171EJ03V0DS
3
µPC3221GV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com